Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH1R06AFY Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTH1R06AFY
Description  Automotive 600 V, 1 A, turbo 2 ultrafast rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH1R06AFY Datasheet(HTML) 3 Page - STMicroelectronics

  STTH1R06AFY Datasheet HTML 1Page - STMicroelectronics STTH1R06AFY Datasheet HTML 2Page - STMicroelectronics STTH1R06AFY Datasheet HTML 3Page - STMicroelectronics STTH1R06AFY Datasheet HTML 4Page - STMicroelectronics STTH1R06AFY Datasheet HTML 5Page - STMicroelectronics STTH1R06AFY Datasheet HTML 6Page - STMicroelectronics STTH1R06AFY Datasheet HTML 7Page - STMicroelectronics STTH1R06AFY Datasheet HTML 8Page - STMicroelectronics STTH1R06AFY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
1.1
Characteristics (curves)
Figure 2. Average forward power dissipation versus
average forward current
0.0
0.4
0.8
1.2
1.6
2.0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
IF(AV)(A)
PF(AV)(W)
δ = 0.05
δ = 0.1
δ = 0.2
δ = 0.5
δ = 1
T
δ=tp/T
tp
Figure 3. Forward voltage drop versus forward current
(typical values)
0.01
0.10
1.00
10.00
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VF(V)
IF(A)
Tj = 150 °C
Tj = 25 °C
Figure 4. Forward voltage drop versus forward current
(maximum values)
0.01
0.10
1.00
10.00
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VF(V)
IF(A)
Tj = 150 °C
Tj = 25 °C
Figure 5. Relative variation of thermal impedance junction
to lead versus pulse duration
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
tP(s)
Zth(j-l) /Rth(j-l)
Single pulse
STTH1R06AFY
Characteristics (curves)
DS12434 - Rev 2
page 3/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com