Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH1R06AFY Datasheet(PDF) 4 Page - STMicroelectronics

Part # STTH1R06AFY
Description  Automotive 600 V, 1 A, turbo 2 ultrafast rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH1R06AFY Datasheet(HTML) 4 Page - STMicroelectronics

  STTH1R06AFY Datasheet HTML 1Page - STMicroelectronics STTH1R06AFY Datasheet HTML 2Page - STMicroelectronics STTH1R06AFY Datasheet HTML 3Page - STMicroelectronics STTH1R06AFY Datasheet HTML 4Page - STMicroelectronics STTH1R06AFY Datasheet HTML 5Page - STMicroelectronics STTH1R06AFY Datasheet HTML 6Page - STMicroelectronics STTH1R06AFY Datasheet HTML 7Page - STMicroelectronics STTH1R06AFY Datasheet HTML 8Page - STMicroelectronics STTH1R06AFY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Figure 6. Peak reverse recovery current versus dlF/dt
(typical values)
0
1
2
3
4
5
6
7
8
0
50
100
150
200
250
300
350
400
450
500
dIF/dt(A/µs)
IRM(A)
VR = 400 V
Tj = 125 °C
IF = 2 x IF(AV)
IF = 0.5 x IF(AV)
IF = IF(AV)
IF = 0.25 x IF(AV)
Figure 7. Reverse recovery time versus dlF/dt (typical
values)
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
0
50
100
150
200
250
300
350
400
450
500
dIF/dt(A/µs)
tRR(ns)
VR = 400 V
Tj = 125 °C
IF = 2 x IF(AV)
IF = IF(AV)
IF = 0.5 x IF(AV)
Figure 8. Reverse recovery charges versus dIF/dt (typical
values)
0
25
50
75
100
125
150
175
200
225
250
0
50
100
150
200
250
300
350
400
450
500
dIF/dt(A/µs)
QRR(nC)
VR = 400 V
Tj = 125 °C
IF = 2 x IF(AV)
IF = IF(AV)
IF = 0.5 x IF(AV)
Figure 9. Softness factor versus dIF/dt (typical values)
0
1
2
3
4
5
6
7
8
0
50
100
150
200
250
300
350
400
450
500
dIF/dt(A/µs)
S factor
IF = IF(AV)
VR = 400 V
Tj = 125 °C
Figure 10. Relative variations of dynamic parameters
versus junction temperature
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
25
50
75
100
125
Tj(°C)
IRM
QRR
S factor
IF = IF(AV)
VR = 400 V
Reference: Tj = 125°C
Figure 11. Junction capacitance versus reverse voltage
applied (typical values)
1
10
100
1
10
100
1000
VR(V)
C(pF)
F = 1 MHz
VOSC = 30 mVRMS
Tj = 25 °C
STTH1R06AFY
Characteristics (curves)
DS12434 - Rev 2
page 4/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com