Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH3L06 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STTH3L06
Description  TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH3L06 Datasheet(HTML) 2 Page - STMicroelectronics

  STTH3L06 Datasheet HTML 1Page - STMicroelectronics STTH3L06 Datasheet HTML 2Page - STMicroelectronics STTH3L06 Datasheet HTML 3Page - STMicroelectronics STTH3L06 Datasheet HTML 4Page - STMicroelectronics STTH3L06 Datasheet HTML 5Page - STMicroelectronics STTH3L06 Datasheet HTML 6Page - STMicroelectronics STTH3L06 Datasheet HTML 7Page - STMicroelectronics STTH3L06 Datasheet HTML 8Page - STMicroelectronics STTH3L06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
STTH3L06
2/10
Table 3: Absolute Ratings (limiting values)
Table 4: Thermal Parameters
Table 5: Static Electrical Characteristics
To evaluate the conduction losses use the following equation: P = 0.89 x IF(AV) + 0.055 IF
2
(RMS)
Table 6: Dynamic Characteristics
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
600
V
IF(RMS) RMS forward current
DO-201AD / SMB / SMC
10
A
DPAK
6
IF(AV)
Average forward current
δ = 0.5
DO-201AD
Tl = 100°C
3
A
DPAK
Tl = 155°C
SMB
Tl = 80°C
SMC
Tl = 100°C
IFSM
Surge non repetitive forward current
DO-201AD
tp = 10ms
sinusoidal
70
A
SMB / SMC
60
DPAK
40
Tstg
Storage temperature range
-65 to + 175
°C
Tj
Maximum operating junction temperature
175
°C
Symbol
Parameter
Maximum
Unit
Rth(j-l)
Junction to lead
DO-201AD
L = 10 mm
20
°C/W
DPAK
5.5
SMB
25
SMC
20
Rth(j-a)
Junction to ambient (see fig. 13)
DO-201AD
L = 10 mm
75
°C/W
Symbol
Parameter
Test conditions
Min.
Typ
Max.
Unit
IR
Reverse leakage current
Tj = 25°C
VR = VRRM
3µA
Tj = 150°C
15
100
VF
Forward voltage drop
Tj = 25°C
IF = 3A
1.3
V
Tj = 150°C
0.85
1.05
Symbol
Parameter
Test conditions
Min.
Typ Max.
Unit
trr
Reverse recovery
time
Tj = 25°C
IF = 1A dIF/dt = -50 A/µs VR =30V
60
85
ns
tfr
Forward recovery
time
Tj = 25°C
IF = 3A
dIF/dt = 100 A/µs
VFR = 1.1 x VFmax
100
ns
VFP
Forward recovery
voltage
IF = 3A
dIF/dt = 100 A/µs
7.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com