Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH3L06 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STTH3L06
Description  TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH3L06 Datasheet(HTML) 4 Page - STMicroelectronics

  STTH3L06 Datasheet HTML 1Page - STMicroelectronics STTH3L06 Datasheet HTML 2Page - STMicroelectronics STTH3L06 Datasheet HTML 3Page - STMicroelectronics STTH3L06 Datasheet HTML 4Page - STMicroelectronics STTH3L06 Datasheet HTML 5Page - STMicroelectronics STTH3L06 Datasheet HTML 6Page - STMicroelectronics STTH3L06 Datasheet HTML 7Page - STMicroelectronics STTH3L06 Datasheet HTML 8Page - STMicroelectronics STTH3L06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
STTH3L06
4/10
Figure 7: Softness factor versus dIF/dt (typical
values)
Figure 8: Relative variations of dynamic
parameters versus junction temperature
Figure 9: Transient peak forward voltage
versus dIF/dt (typical values)
Figure 10: Forward recovery time versus dIF/dt
(typical values)
Figure
11:
Junction
capacitance
versus
reverse voltage applied (typical values)
Figure 12: Thermal resistance junction to
ambient versus copper surface under lead
(epoxy FR4, eCU=35µm) (DO-201AD)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
20
40
60
80
100
120
140
160
180
200
S factor
dI /dt(A/µs)
F
I=I
T =125°C
F
F(AV)
j
V =400V
R
0.00
0.25
0.50
0.75
1.00
1.25
25
50
75
100
125
IRM
QRR
S factor
T (°C)
j
I=I
Reference: T =125°C
FF(AV)
j
V =400V
R
V
(V)
FP
0
1
2
3
4
5
6
7
8
9
10
0
20
40
60
80
100
120
140
160
180
200
dI /dt(A/µs)
F
I=I
T =125°C
F
F(AV)
j
0
20
40
60
80
100
120
140
160
180
200
0
20
40
60
80
100
120
140
160
180
200
t (ns)
fr
dI /dt(A/µs)
F
I=I
T =125°C
F
F(AV)
j
V
=1.1 x V max.
FR
F
1
10
100
1
10
100
1000
C(pF)
V (V)
R
F=1MHz
V
=30mV
T =25°C
OSC
RMS
j
0
10
20
30
40
50
60
70
80
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
R
(°C/W)
th(j-a)
DO-201AD
S
(cm²)
CU



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com