Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH3L06 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTH3L06
Description  TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH3L06 Datasheet(HTML) 3 Page - STMicroelectronics

  STTH3L06 Datasheet HTML 1Page - STMicroelectronics STTH3L06 Datasheet HTML 2Page - STMicroelectronics STTH3L06 Datasheet HTML 3Page - STMicroelectronics STTH3L06 Datasheet HTML 4Page - STMicroelectronics STTH3L06 Datasheet HTML 5Page - STMicroelectronics STTH3L06 Datasheet HTML 6Page - STMicroelectronics STTH3L06 Datasheet HTML 7Page - STMicroelectronics STTH3L06 Datasheet HTML 8Page - STMicroelectronics STTH3L06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
STTH3L06
3/10
Figure 1: Conduction losses versus average
current
Figure 2: Forward voltage drop versus forward
current
Figure 3: Relative variation of thermal impedance
junction ambient versus pulse duration (epoxy
printed circuit FR4, Lleads = 10mm, SCU=1cm
2)
Figure 4: Peak reverse recovery current
versus dIF/dt (typical values)
Figure 5: Reverse recovery time versus dIF/dt
(typical values)
Figure 6: Reverse recovery charges versus dIF/
dt (typical values)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
P(W)
T
δ=tp/T
tp
δ = 0.05
δ = 1
δ = 0.5
δ = 0.2
δ = 0.1
I
(A)
F(AV)
0.1
1.0
10.0
100.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
I
(A)
FM
V
(V)
FM
T =150°C
(typical values)
j
T =25°C
(maximum values)
j
T =150°C
(maximum values)
j
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
Z/R
th(j-a)
th(j-a)
t (s)
p
Single pulse
SMC
S
= 1cm
Cu
2
DO-201AD
L
= 10mm
leads
SMB
S
= 1cm
Cu
2
DPAK
S
= 1cm
Cu
2
0
2
4
6
8
10
12
14
16
18
20
0
50
100
150
200
250
300
350
400
450
500
I
(A)
RM
dI /dt(A/µs)
F
I =2 x I
F
F(AV)
I=I
FF(AV)
I =0.5 x I
F
F(AV)
I =0.25 x I
FF(AV)
V =400V
T =125°C
R
j
0
100
200
300
400
500
600
700
0
20
40
60
80
100
120
140
160
180
200
t (ns)
rr
dI /dt(A/µs)
F
I =2 x I
F
F(AV)
I=I
F
F(AV)
I =0.5 x I
F
F(AV)
V =400V
T =125°C
R
j
0
50
100
150
200
250
300
350
400
450
500
0
20
40
60
80
100
120
140
160
180
200
Q (nC)
rr
I =2 x I
FF(AV)
I =0.5 x I
FF(AV)
dI /dt(A/µs)
F
I=I
FF(AV)
V =400V
T =125°C
R
j



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com