Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STULPI01A Datasheet(PDF) 19 Page - STMicroelectronics

Part # STULPI01A
Description  High speed USB On-The-Go ULPI transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STULPI01A Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STULPI01A_08 Datasheet HTML 15Page - STMicroelectronics STULPI01A_08 Datasheet HTML 16Page - STMicroelectronics STULPI01A_08 Datasheet HTML 17Page - STMicroelectronics STULPI01A_08 Datasheet HTML 18Page - STMicroelectronics STULPI01A_08 Datasheet HTML 19Page - STMicroelectronics STULPI01A_08 Datasheet HTML 20Page - STMicroelectronics STULPI01A_08 Datasheet HTML 21Page - STMicroelectronics STULPI01A_08 Datasheet HTML 22Page - STMicroelectronics STULPI01A_08 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
STULPI01A - STULPI01B
Block description
19/44
6.6
External charge pump
It is possible to use an external charge pump or power switch controlled by the PSWn pin
(active low open drain). This functionality is controlled by DrvVbus and DrvVbusExternal
ULPI OTG Control register bits.
6.7
VBUS comparators and VBUS over current (OC) detector
These comparators monitor the VBUS voltage.
VBUS valid status signalizes that the voltage is above the VBUS_VLD level (4.4 V). Session
valid status signalizes that the VBUS voltage is above the VSESS_VLD level (0.8 to 2.0 V).
Session end detector signalizes VBUS voltage is below VSESS_END level.
STULPI01 also implements embedded VBUS over current detector which compares VBUS
voltage to external analog 5 V reference signal applied to VB_REF_FAULT pin.
6.8
VB_REF_FAULT pin
VBUS over-current conditions can be monitored by either internal or an external OC detector.
The internal OC detector is enabled when over-current_PD bit in the Power Control register
(Vendor-specific area) is set to 0b and Use External VBUS Indicator is set to 1b. In this
mode, the VB_REF_FAULT pin functions as the input of the analog reference for internal
over-current detector.
If the external charge pump is already equipped with an over-current detector, its output can
be also monitored through VB_REF_FAULT pin, but over-current_PD bit must be set to 1b.
In this mode VB_REF_FAULT will function as standard digital input pin with 5 V tolerance.
Functionality of VB_REF_FAULT pin can be seen in more detail (on Figure 6).
Note:
After reset, over-current_PD bit is 1b, internal over-current detector is disabled.
Figure 6.
VB_REF_FAULT pin functionality
+
-
REF
VBREF_FAULT
Internal VBUS Valid
VBUSVLD
[UseExternalVbusIndicator, IndicatorPassthru]
RX CMD VBUS Valid
2
0
1
[0,X]
[1,0]
[1,1]
BUS
VB
REF
V
BUS
SCHMIT
(5 V TOLERANT)
VBUS
FAULT
+
-
VBOC
EN
/EN
+
-
Valid
IndicatorComplement
OverCurrent_PD or neg (UseExternalVbusIndicator)
0
1
[0,X]
[1,1]
V
V
VBUS
+
-
VBOC
RIN_VBREF
+
-
REF
VBREF_FAULT
Internal VBUS Valid
VBUSVLD
[UseExternalVbusIndicator, IndicatorPassthru]
RX CMD VBUS Valid
2
0
1
[0,X]
[1,0]
[1,1]
BUS
VB
REF
V
BUS
SCHMIT
(5 V TOLERANT)
VBUS
FAULT
+
-
VBOC
EN
/EN
+
-
Valid
IndicatorComplement
OverCurrent_PD or neg (UseExternalVbusIndicator)
0
1
[0,X]
[1,1]
V
V
VBUS
+
-
VBOC
RIN_VBREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com