Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STULPI01A Datasheet(PDF) 31 Page - STMicroelectronics

Part # STULPI01A
Description  High speed USB On-The-Go ULPI transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STULPI01A Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STULPI01A_08 Datasheet HTML 27Page - STMicroelectronics STULPI01A_08 Datasheet HTML 28Page - STMicroelectronics STULPI01A_08 Datasheet HTML 29Page - STMicroelectronics STULPI01A_08 Datasheet HTML 30Page - STMicroelectronics STULPI01A_08 Datasheet HTML 31Page - STMicroelectronics STULPI01A_08 Datasheet HTML 32Page - STMicroelectronics STULPI01A_08 Datasheet HTML 33Page - STMicroelectronics STULPI01A_08 Datasheet HTML 34Page - STMicroelectronics STULPI01A_08 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
STULPI01A - STULPI01B
ULPI registers
31/44
Table 15.
Vendor and product ID
Register
Bits
Access
Address
Value
Description
VENDOR_ID_LOW
7:0
rd
00h
83 h
Lower byte of vendor ID.
VENDOR_ID_HIGH
7:0
rd
01h
04 h
Upper byte of vendor ID.
PRODUCT_ID_LOW
7:0
rd
02h
4b h
Lower byte of product ID number.
PRODUCT_ID_HIGH
7:0
rd
03h
4f h
Upper byte of product ID number.
Table 16.
Power control register
(3Dh-3Fh Read, 3Dh Write, 3Eh Set, 3Fh Clear)
(Controls various power aspects of the USB trans)
Field name
Bits
Access
Reset
Description
Reserved
0
rd/wr/s/c
0b
Reserved. The link must never write a 1b to this bit.
Over-current_PD
1
rd/wr/s/c
1b
Power control of the internal over-current circuit.
0b: Enables the over-current circuit.
1b: Disables the over-current circuit.
UART_DIR
2
rd/wr/s/c
0b
0b: Txd on DM and Rxd on DP
1b: Txd on DP and Rxd on DM
UART_2V7
3
rd/wr/s/c
1b
0b: UART signaling at 3V3
1b: UART signaling at 2V7
Reserved
7:4
rd/wr/s/c
0b
Reserved. The link must never write a 1b to these bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com