Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STULPI01A Datasheet(PDF) 30 Page - STMicroelectronics

Part # STULPI01A
Description  High speed USB On-The-Go ULPI transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STULPI01A Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STULPI01A_08 Datasheet HTML 26Page - STMicroelectronics STULPI01A_08 Datasheet HTML 27Page - STMicroelectronics STULPI01A_08 Datasheet HTML 28Page - STMicroelectronics STULPI01A_08 Datasheet HTML 29Page - STMicroelectronics STULPI01A_08 Datasheet HTML 30Page - STMicroelectronics STULPI01A_08 Datasheet HTML 31Page - STMicroelectronics STULPI01A_08 Datasheet HTML 32Page - STMicroelectronics STULPI01A_08 Datasheet HTML 33Page - STMicroelectronics STULPI01A_08 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
ULPI registers
STULPI01A - STULPI01B
30/44
8
ULPI registers
Table 13.
ULPI register map overview
Field name
Size (bits)
Address (6 bits)
Rd
Wr
Set
Clr
Immediate register set
Vendor ID Low
8
00h
-
-
-
Vendor ID High
8
01h
-
-
-
Product ID Low
8
02h
-
-
-
Product ID High
8
03h
-
-
-
Function Control
8
04-06h
04h
05h
06h
Interface Control
8
07-09h
07h
08h
09h
OTG Control
8
0A-0Ch
0Ah
0Bh
0Ch
USB Interrupt Enable Rising
8
0D-0Fh
0Dh
0Eh
0Fh
USB Interrupt Enable Falling
8
10-12h
10h
11h
12h
USB Interrupt Status Register
8
13h
-
-
-
USB Interrupt Latch Register
8
14h
-
-
-
Debug
8
15h
-
-
-
Scratch
8
16-18h
16h
17h
18h
Car kit control register
8
16-1Bh
19h
1Ah
1Bh
Reserved
8
1C-2Eh
Access Extended Register Set (see Table 14)8
-
2Fh
-
-
Reserved
8
30-3Ch
Power control
3D-3Fh
Extended register set
Address (8 bits)
Maps to Immediate Register Set above
8
00-3Fh
Reserved
8
40-FFh
Table 14.
Register access legend
Access code
Expanded name
Meaning
rd
Read
Register can be read. Read-only if this is the only mode given.
wr
Write
Pattern on the data bus will be written over all bits of the register.
s
Set
Pattern on the data bus is OR’d with and written into the register.
c
Clear
Pattern on the data bus is a mask. If a bit in the mask is set, then the
corresponding register bit will be set to zero (cleared).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com