Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STULPI01A Datasheet(PDF) 20 Page - STMicroelectronics

Part # STULPI01A
Description  High speed USB On-The-Go ULPI transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STULPI01A Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STULPI01A Datasheet HTML 16Page - STMicroelectronics STULPI01A Datasheet HTML 17Page - STMicroelectronics STULPI01A Datasheet HTML 18Page - STMicroelectronics STULPI01A Datasheet HTML 19Page - STMicroelectronics STULPI01A Datasheet HTML 20Page - STMicroelectronics STULPI01A Datasheet HTML 21Page - STMicroelectronics STULPI01A Datasheet HTML 22Page - STMicroelectronics STULPI01A Datasheet HTML 23Page - STMicroelectronics STULPI01A Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
Block description
STULPI01A - STULPI01B
20/44
6.9
Voltage regulator
Dual output ultra low dropout voltage regulator provides power supply for analog and digital
internal circuits. An external capacitor on both 3V3V and 1V2V pins is needed for proper
operation.
6.10
ID detector
This block provides sensing of status of the ID line. It is capable of detecting whether the pin
is floating or tied to the ground.
6.11
USB 2.0 PHY
The USB 2.0 PHY block provides complete physical layer transceiver for low-speed, full-
speed, and high-speed USB operating modes. Analog part of this block deals with
impedances adaptation, controlled voltage swing, and common mode voltage generation
and sensing. Digital part consists of serializer and deserializer, transforming serial bit
stream to 8-bit parallel port, and finite state machine implementing the PHY protocol layer,
bit stuffing, unstuffing etc.
Table 9.
VB_REF_FAULT configuration bit settings
RX CMD VBUS Valid
Use External
Vbus Indicator
Over-current_PD
Indicator Pass-true
Indicator
Complement
VBUSVLD
0
1
X
X
VBOC
1
0
1
X
VBOC and VBUSVLD
1
0
0
X
neg (FAULT)
1
1
1
0
FAULT
1
1
1
1
VBUSVLD and FAULT
1
1
0
1
VBUS_VLD and neg (FAULT)
1
1
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com