Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STULPI01A Datasheet(PDF) 24 Page - STMicroelectronics

Part # STULPI01A
Description  High speed USB On-The-Go ULPI transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STULPI01A Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STULPI01A Datasheet HTML 20Page - STMicroelectronics STULPI01A Datasheet HTML 21Page - STMicroelectronics STULPI01A Datasheet HTML 22Page - STMicroelectronics STULPI01A Datasheet HTML 23Page - STMicroelectronics STULPI01A Datasheet HTML 24Page - STMicroelectronics STULPI01A Datasheet HTML 25Page - STMicroelectronics STULPI01A Datasheet HTML 26Page - STMicroelectronics STULPI01A Datasheet HTML 27Page - STMicroelectronics STULPI01A Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
Block description
STULPI01A - STULPI01B
24/44
6.18.3
External clock detection
The square wave clock can be applied to the oscillator input. The input square wave clock
amplitude is referenced to the 1V8VIO voltage.
The XO pin can be left floating or grounded.
6.18.4
Reset behavior
Typical startup sequence is shown in Figure 9.
STULPI01 contains internal power-on-reset generator which senses the V3V3V and V1V2V
voltage. Assertion of RESETn is not necessary for proper initialization. However, if required,
this pin can be also used. The internal reset signal is the combination of the signal from
RESETn pin and the signal from the internal power-on-reset circuit.
When RESETn is asserted, all internal registers are reset to their default values, the output
DIR signal is driven to '1', and data lines pulled low by weak pull-downs.
During reset the STP pin can be driven low, high, or can be left floating. It will be pulled up
by internal pull-up and the ULPI interface enters a holding state.
During the reset state the NXT signal is driven low and the CLK is driven high.
When the PLL is stabilized, the clock on the CLK pin is enabled, and DIR is deasserted.
Note:
NOTE: The minimum duration of the external reset signal is TRESETEXT. (See chapter
Crystal or external clock detection).
When internal POR reset is asserted, the reset procedure is equivalent to the RESETn
signal, with the only exception being that the ULPI lines are in high impedance state. All pull-
downs and pull-ups on the ULPI signals are also disabled.
6.18.5
Interface protection
The STULPI01 activates weak pull-downs on data lines and pull-up on the STP during reset
and holding state. These are to provide interface protection during startup and anytime the
link is not able to drive the ULPI lines properly.
The holding state is entered when the controller drives the STP for more than 1 clock cycle.
Any command on the ULPI bus is ignored in this state. For more information, see ULPI
specification 1.1, section 3.12 (Safeguarding PHY input signals).
Interface protection can be switched off at any time after startup in order to save power, by
writing the Interface Protect Disable bit in the Interface Control register to 1b.
6.18.6
Software reset
The STULPI01 supports software reset by writing the RESET bit in the function control
register to 1b.
During the software reset, DIR is asserted and the pull down resistors on data lines are
enabled, but the ULPI registers remain unaffected. Software reset initializes UTMI core logic
only. Also, during software reset, external clock detection, SDR mode selection is not
performed, and clock is not turned off (PLL is not re-started).
Note:
NOTE: Software reset is not required in the startup procedure for the STULPI. The chip is
ready for operation after the hardware reset procedure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com