Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STULPI01A Datasheet(PDF) 38 Page - STMicroelectronics

Part # STULPI01A
Description  High speed USB On-The-Go ULPI transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STULPI01A Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STULPI01A Datasheet HTML 34Page - STMicroelectronics STULPI01A Datasheet HTML 35Page - STMicroelectronics STULPI01A Datasheet HTML 36Page - STMicroelectronics STULPI01A Datasheet HTML 37Page - STMicroelectronics STULPI01A Datasheet HTML 38Page - STMicroelectronics STULPI01A Datasheet HTML 39Page - STMicroelectronics STULPI01A Datasheet HTML 40Page - STMicroelectronics STULPI01A Datasheet HTML 41Page - STMicroelectronics STULPI01A Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 44 page
background image
ULPI registers
STULPI01A - STULPI01B
38/44
Table 25.
Debug register
Address: 15h (Read-only)
(Indicates the current value of various signals useful for debugging)
Field name
Bits
Access
Reset
Description
LineState0
0
rd
0b
Contains the current value of LineState(0)
LineState1
1
rd
0b
Contains the current value of LineState(1)
Reserved
7:2
rd
0b
Reserved
Table 26.
Scratch register
Address: 16h-18h (Read), 16h (Write), 17h (Set), 18h (Clear).
Field name
Bits
Access
Reset
Description
Scratch
7:0
rd/wr/s/c
00b
Empty register byte for testing purposes. The software can read,
write, set, and clear this register and the STULPI01 functionality
will not be affected.
Table 27.
Carkit control register
Address: 19h-1Bh (Read), 19h (Write), 1Ah (Set), 1Bh (Clear).
Field name
Bits
Access
Reset
Description
reserved
0
rd/wr/s/c
0b
reserved
1
rd/wr/s/c
0b
TxdEn
2
rd/wr/s/c
0b
Enables TXD signal in car kit mode
RxdEn
3
rd/wr/s/c
0b
Enables RXD signal in car kit mode
reserved
4
rd/wr/s/c
0b
reserved
5
rd/wr/s/c
0b
reserved
6
rd/wr/s/c
0b
reserved
7
rd/wr/s/c
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com