Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS391 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS391
Description  Low power single voltage comparator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS391 Datasheet(HTML) 1 Page - STMicroelectronics

  TS391 Datasheet HTML 1Page - STMicroelectronics TS391 Datasheet HTML 2Page - STMicroelectronics TS391 Datasheet HTML 3Page - STMicroelectronics TS391 Datasheet HTML 4Page - STMicroelectronics TS391 Datasheet HTML 5Page - STMicroelectronics TS391 Datasheet HTML 6Page - STMicroelectronics TS391 Datasheet HTML 7Page - STMicroelectronics TS391 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
November 2007
Rev 3
1/8
8
TS391
Low power single voltage comparator
Features
■ Wide single supply voltage range or dual
supplies +2V to +34V or
±1V to ±17V
■ Very low supply current (0.2mA) independent
of supply voltage (1mW/comparator at +5V)
■ Low input bias current: 25nA typ.
■ Low input offset current:
±5nA typ.
■ Low input offset voltage:
±1mV typ.
■ Input common-mode voltage range includes
ground
■ Low output saturation voltage: 250mV typ.
(Io=4mA)
■ Differential input voltage range equal to the
supply voltage
■ TTL, DTL, ECL, CMOS compatible outputs
Description
These devices consist of a low power voltage
comparator designed specifically to operate from
a single supply over a wide range of voltages.
Operation from split power supplies is also
possible.
This comparator also has a unique characteristic
in that the input common-mode voltage range
includes ground even though operated from a
single power supply voltage.
L
SOT23-5
(Plastic package)
Pin connections (top view)
1
2
3
4
5
Inverting input
Non-inverting input
Output
VCC -
VCC+
www.st.com


Similar Part No. - TS391

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS391 STMICROELECTRONICS-TS391 Datasheet
44Kb / 5P
LOWPOWER SINGLE VOLTAGE COMPARATORS
Nov-1998
TS391 STMICROELECTRONICS-TS391 Datasheet
115Kb / 7P
Low Power Single Voltage Comparator
Jan-2006
logo
Unisonic Technologies
TS391 UTC-TS391 Datasheet
194Kb / 6P
LOW POWER SINGLE VOLTAGE COMPARATOR
logo
ON Semiconductor
TS391 ONSEMI-TS391 Datasheet
69Kb / 5P
Low Power Single Voltage Comparator
December, 2015 ??Rev. 4
logo
Unisonic Technologies
TS391 UTC-TS391 Datasheet
132Kb / 6P
LOW POWER SINGLE VOLTAGE COMPARATOR
More results

Similar Description - TS391

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS391 STMICROELECTRONICS-TS391_06 Datasheet
115Kb / 7P
Low Power Single Voltage Comparator
Jan-2006
logo
Unisonic Technologies
TS391 UTC-TS391_05 Datasheet
200Kb / 6P
LOW POWER SINGLE VOLTAGE COMPARATOR
UTL331A UTC-UTL331A Datasheet
183Kb / 5P
LOW POWER SINGLE VOLTAGE COMPARATOR
TS391 UTC-TS391_11 Datasheet
194Kb / 6P
LOW POWER SINGLE VOLTAGE COMPARATOR
logo
STMicroelectronics
TS391RILT STMICROELECTRONICS-TS391RILT Datasheet
284Kb / 12P
Low-power single voltage comparator
02-Mar-2012
logo
ON Semiconductor
TS391 ONSEMI-TS391 Datasheet
69Kb / 5P
Low Power Single Voltage Comparator
December, 2015 ??Rev. 4
logo
Unisonic Technologies
TS391 UTC-TS391 Datasheet
132Kb / 6P
LOW POWER SINGLE VOLTAGE COMPARATOR
UTL331 UTC-UTL331 Datasheet
146Kb / 6P
LOW POWER SINGLE VOLTAGE COMPARATOR
logo
ON Semiconductor
TS391 ONSEMI-TS391_V01 Datasheet
135Kb / 6P
Low Power Single Voltage Comparator
October, 2017 - Rev. 5
logo
New Japan Radio
NJM390A NJRC-NJM390A Datasheet
611Kb / 8P
Low power single voltage comparator
Ver.00
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com