Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS391 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TS391
Description  Low power single voltage comparator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS391 Datasheet(HTML) 4 Page - STMicroelectronics

  TS391 Datasheet HTML 1Page - STMicroelectronics TS391 Datasheet HTML 2Page - STMicroelectronics TS391 Datasheet HTML 3Page - STMicroelectronics TS391 Datasheet HTML 4Page - STMicroelectronics TS391 Datasheet HTML 5Page - STMicroelectronics TS391 Datasheet HTML 6Page - STMicroelectronics TS391 Datasheet HTML 7Page - STMicroelectronics TS391 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Electrical characteristics
TS391
4/8
3
Electrical characteristics
Table 3.
VCC
+ = +5V, V
CC
- = 0V, T
amb = 25°C (unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Vio
Input offset voltage (1)
Tmin ≤ Tamb ≤ Tmax
15
9
mV
Iio
Input offset current
Tmin ≤ Tamb ≤ Tmax
550
150
nA
Iib
Input bias current (2)
Tmin ≤ Tamb ≤ Tmax
25
250
400
nA
Avd
Large signal voltage gain
VCC
+ = 15V, R
L = 15kΩ,
Vo = 1 to 11V
50
200
V/mV
ICC
Supply current
VCC
+ = 5V, no load
VCC
+ = 30V, no load
0.2
0.5
0.5
1.25
mA
Vid
Differential input voltage (3)
VCC
+
V
Isink
Output sink current
Vid = -1V, VO = 1.5V
6
16
mA
VOL
Low level output voltage
Vid = 1V, VCC
+ = V
O = 30V
Tmin ≤ Tamb ≤ Tmax
250
400
700
mV
IOH
High level output current
Vid = 1V, VCC
+ = V
O = 30V
Tmin ≤ Tamb ≤ Tmax
0.1
1
nA
µA
tre
Small signal response time
RL = 5.1kΩ to VCC
+ (4)
1.3
µs
trel
Large signal response time
Vi = TTL, Vref = +1.4V,
RL = 5.1kΩ to VCC
+
300
ns
1.
At output switch point, VO ≈ 1.4V, RS = 0Ω with VCC
+ from 5V to 30V and over the full input common-mode range (0V to
VCC
+ -1.5V).
2.
The direction of the input current is out of the IC due to the PNP input stage. This current is essentially constant,
independent of the state of the output, so there is no loading charge on the reference or input lines.
3.
Positive excursions of input voltage may exceed the power supply level. As long as the other voltage remains within the
common-mode range, the comparator will provide a proper output state. The low input voltage state must not be less than
–0.3V (or 0.3V below the negative power supply, if used).
4.
The response time specified is for a 100mV input step with 5mV overdrive. For larger overdrive signals, 300ns can be
obtained.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com