Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS391 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TS391
Description  Low power single voltage comparator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS391 Datasheet(HTML) 3 Page - STMicroelectronics

  TS391 Datasheet HTML 1Page - STMicroelectronics TS391 Datasheet HTML 2Page - STMicroelectronics TS391 Datasheet HTML 3Page - STMicroelectronics TS391 Datasheet HTML 4Page - STMicroelectronics TS391 Datasheet HTML 5Page - STMicroelectronics TS391 Datasheet HTML 6Page - STMicroelectronics TS391 Datasheet HTML 7Page - STMicroelectronics TS391 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TS391
Absolute maximum ratings and operating conditions
3/8
2
Absolute maximum ratings and operating conditions
Table 1.
Absolute maximum ratings (AMR)
Symbol
Parameter
Value
Unit
VCC
Supply voltage
±18 or 34
V
Vid
Differential input voltage
-±34
V
Vi
Input voltage
-0.3 to +34
V
Output short-circuit to ground(1)
Infinite
Tj
Maximum junction temperature
150
°C
Rthja
Thermal resistance junction to ambient(2)
250
°C/W
Rthjc
Thermal resistance junction to case (2)
81
°C/W
Tstg
Storage temperature range
-65 to +150
°C
ESD
HBM: human body model(3)
300
V
MM: machine model(4)
200
1.
Short-circuits from the output to VCC
+ can cause excessive heating and potential destruction. The maximum output current
is approximately 20mA independent of the magnitude of VCC
+.
2.
Short-circuits can cause excessive heating. These values are typical.
3.
Human body model: A 100pF capacitor is charged to the specified voltage, then discharged through a 1.5k
Ω resistor
between two pins of the device. This is done for all couples of connected pin combinations while the other pins are floating.
4.
Machine model: A 200pF capacitor is charged to the specified voltage, then discharged directly between two pins of the
device with no external series resistor (internal resistor < 5
Ω). This is done for all couples of connected pin combinations
while the other pins are floating.
Table 2.
Operation conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage
2 to 34
±1 to ±17
V
Vicm
Input common mode voltage range (1)
Tamb = 25°C
Tmin ≤ Tamb ≤ Tmax
0 to VCC
+ -1.5
0 to VCC
+ -2
V
Toper
Operating free air temperature range
-40 to +125
°C
1.
The input common-mode voltage of either input signal voltage should not be allowed to go negative by more than 0.3V. The
upper end of the common-mode voltage range is VCC
+ –1.5V, but either or both inputs can go to +30V without damage.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com