Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL0821 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TL0821
Description  General purpose JFET dual operational amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL0821 Datasheet(HTML) 1 Page - STMicroelectronics

  TL0821 Datasheet HTML 1Page - STMicroelectronics TL0821 Datasheet HTML 2Page - STMicroelectronics TL0821 Datasheet HTML 3Page - STMicroelectronics TL0821 Datasheet HTML 4Page - STMicroelectronics TL0821 Datasheet HTML 5Page - STMicroelectronics TL0821 Datasheet HTML 6Page - STMicroelectronics TL0821 Datasheet HTML 7Page - STMicroelectronics TL0821 Datasheet HTML 8Page - STMicroelectronics TL0821 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
June 2008
Rev 10
1/17
17
TL082
TL082A TL082B
General purpose JFET dual operational amplifiers
Features
Wide common-mode (up to VCC
+) and
differential voltage range
Low input bias and offset current
Output short-circuit protection
High input impedance JFET input stage
Internal frequency compensation
Latch up free operation
High slew rate: 16 V/µs (typical)
Description
The TL082, TL082A and TL082B are high speed
JFET input dual operational amplifiers
incorporating well matched, high voltage JFET
and bipolar transistors in a monolithic integrated
circuit.
The devices feature high slew rates, low input
bias and offset current, and low offset voltage
temperature coefficient.
N
DIP8
(Plastic package)
D
SO-8
(Plastic micropackage)
P
TSSOP8
(Thin shrink small outline package)
1
2
3
45
6
7
8
-
+
-
+
1 - Output 1
2 - Inverting input 1
3 - Non-inverting input 1
4 - VCC
-
5 - Non-inverting input 2
6 - Inverting input 2
7 - Output 2
8 - VCC
+
Pin connections (top view)
www.st.com


Similar Part No. - TL0821

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TL0821 STMICROELECTRONICS-TL0821 Datasheet
108Kb / 11P
GENERAL PURPOSE J-FET DUAL OPERATIONAL AMPLIFIERS
Mar-2002
TL0821 STMICROELECTRONICS-TL0821 Datasheet
322Kb / 17P
GENERAL PURPOSE J-FET DUAL OPERATIONAL AMPLIFIERS
06-Mar-2007
More results

Similar Description - TL0821

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MC1458 TI-MC1458 Datasheet
81Kb / 5P
DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
RC4558 TI-RC4558 Datasheet
57Kb / 11P
DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
UPC251 ETC-UPC251 Datasheet
778Kb / 4P
GENERAL PURPOSE DUAL OPERATIONAL AMPLIFIERS
logo
Texas Instruments
UA747 TI-UA747 Datasheet
112Kb / 8P
DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
logo
Avic Technology
AV4558 AVICTEK-AV4558 Datasheet
194Kb / 5P
Dual general purpose operational Amplifiers.
logo
STMicroelectronics
TL081 STMICROELECTRONICS-TL081_08 Datasheet
338Kb / 15P
General purpose JFET single operational amplifiers
27-Jun-2008
logo
TEXAS ADVANCED OPTOELEC...
UA747C TAOS-UA747C Datasheet
114Kb / 8P
DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
logo
Diodes Incorporated
TL082 DIODES-TL082 Datasheet
228Kb / 11P
GENERAL PURPOSE JFET INPUT OPERATIONAL AMPLIFIERS
TL082 Rev. 1
logo
Texas Instruments
MC1458 TI1-MC1458_14 Datasheet
777Kb / 18P
DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
PC251 ETC-PC251 Datasheet
106Kb / 2P
General Purpose Dual Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com