Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL0821 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TL0821
Description  General purpose JFET dual operational amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL0821 Datasheet(HTML) 3 Page - STMicroelectronics

  TL0821 Datasheet HTML 1Page - STMicroelectronics TL0821 Datasheet HTML 2Page - STMicroelectronics TL0821 Datasheet HTML 3Page - STMicroelectronics TL0821 Datasheet HTML 4Page - STMicroelectronics TL0821 Datasheet HTML 5Page - STMicroelectronics TL0821 Datasheet HTML 6Page - STMicroelectronics TL0821 Datasheet HTML 7Page - STMicroelectronics TL0821 Datasheet HTML 8Page - STMicroelectronics TL0821 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
TL082 TL082A TL082B
Absolute maximum ratings and operating conditions
3/17
2
Absolute maximum ratings and operating conditions
Table 1.
Absolute maximum ratings
Symbol
Parameter
TL082I, AI,
BI
TL082C, AC,
BC
Unit
VCC
Supply voltage (1)
1.
All voltage values, except differential voltage, are with respect to the zero reference level (ground) of the
supply voltages where the zero reference level is the midpoint between VCC
+ and V
CC
-.
±18
V
Vin
Input voltage (2)
2.
The magnitude of the input voltage must never exceed the magnitude of the supply voltage or 15 volts,
whichever is less.
±15
V
Vid
Differential input voltage (3)
3.
Differential voltages are the non-inverting input terminal with respect to the inverting input terminal.
±30
V
Ptot
Power dissipation
680
mW
Rthja
Thermal resistance junction to ambient(4)
SO-8
DIP8
TSSOP8
4.
Short-circuits can cause excessive heating. Destructive dissipation can result from simultaneous short-
circuit on all amplifiers.
125
85
120
°C/W
Rthjc
Thermal resistance junction to case
SO-8
DIP8
TSSOP8
40
41
37
°C/W
Output short-circuit duration (5)
5.
The output may be shorted to ground or to either supply. Temperature and/or supply voltages must be
limited to ensure that the dissipation rating is not exceeded
Infinite
Tstg
Storage temperature range
-65 to +150
°C
ESD
HBM: human body model(6)
6.
Human body model: 100 pF discharged through a 1.5 k
Ω resistor between two pins of the device, done for
all couples of pin combinations with other pins floating.
1kV
MM: machine model(7)
7.
Machine model: a 200 pF cap is charged to the specified voltage, then discharged directly between two
pins of the device with no external series resistor (internal resistor < 5
Ω), done for all couples of pin
combinations with other pins floating.
200
V
CDM: charged device model(8)
8.
Charged device model: all pins plus package are charged together to the specified voltage and then
discharged directly to the ground.
1500
V
Table 2.
Operating conditions
Symbol
Parameter
TL082I, AI, BI
TL082C, AC, BC
Unit
VCC
Supply voltage
6 to 36
V
Toper
Operating free-air temperature range
-40 to +105
0 to +70
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com