Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL0821 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TL0821
Description  General purpose JFET dual operational amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL0821 Datasheet(HTML) 4 Page - STMicroelectronics

  TL0821 Datasheet HTML 1Page - STMicroelectronics TL0821 Datasheet HTML 2Page - STMicroelectronics TL0821 Datasheet HTML 3Page - STMicroelectronics TL0821 Datasheet HTML 4Page - STMicroelectronics TL0821 Datasheet HTML 5Page - STMicroelectronics TL0821 Datasheet HTML 6Page - STMicroelectronics TL0821 Datasheet HTML 7Page - STMicroelectronics TL0821 Datasheet HTML 8Page - STMicroelectronics TL0821 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Electrical characteristics
TL082 TL082A TL082B
4/17
3
Electrical characteristics
Table 3.
VCC = ±15V, Tamb = +25°C (unless otherwise specified)
Symbol
Parameter
TL082I,AC,AI,BC,
BI
TL082C
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
Vio
Input offset voltage (Rs = 50Ω)
Tamb = +25°C
TL082
TL082A
TL082B
Tmin ≤ Tamb ≤ TmaxTL082
TL082A
TL082B
3
3
1
10
6
3
13
7
5
310
13
mV
DVio
Input offset voltage drift
10
10
µV/°C
Iio
Input offset current (1)
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
5100
4
5100
10
pA
nA
Iib
Input bias current
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
20
200
20
20
400
20
pA
nA
Avd
Large signal voltage gain
(RL = 2kΩ, Vo = ±10V)
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
50
25
200
25
15
200
V/mV
SVR
Supply voltage rejection ratio (RS = 50Ω)
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
80
80
86
70
70
86
dB
ICC
Supply current, no load
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
1.4
2.5
2.5
1.4
2.5
2.5
mA
Vicm
Input common mode voltage range
±11
+15
-12
±11
+15
-12
V
CMR
Common mode rejection ratio (RS = 50Ω)
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
80
80
86
70
70
86
dB
Ios
Output short-circuit current
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
10
10
40
60
60
10
10
40
60
60
mA
±Vopp
Output voltage swing
Tamb = +25°C
RL = 2kΩ
RL = 10kΩ
Tmin ≤ Tamb ≤ Tmax
RL = 2kΩ
RL = 10kΩ
10
12
10
12
12
13.5
10
12
10
12
12
13.5
V
SR
Slew rate
Vin = 10V, RL = 2kΩ, CL = 100pF, unity gain
8
16
8
16
V/µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com