Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS507 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TS507
Description  High precision rail-to-rail operational amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS507 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TS507 Datasheet HTML 4Page - STMicroelectronics TS507 Datasheet HTML 5Page - STMicroelectronics TS507 Datasheet HTML 6Page - STMicroelectronics TS507 Datasheet HTML 7Page - STMicroelectronics TS507 Datasheet HTML 8Page - STMicroelectronics TS507 Datasheet HTML 9Page - STMicroelectronics TS507 Datasheet HTML 10Page - STMicroelectronics TS507 Datasheet HTML 11Page - STMicroelectronics TS507 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Electrical characteristics
TS507
8/20
Table 5.
Electrical characteristics at VCC =+2.7V VDD =0V, Vicm =VCC/2, Tamb =25°C,
RL connected to VCC/2 (unless otherwise specified)
(1)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
DC performance
Vio
Input offset voltage(2)
Vicm = 0 to 1.9V, T=25°C
TS507C full temp range
TS507I full temp range
25
100
250
400
µV
Vicm = 0V to 2.7V, T=25°C
TS507C full temp range
TS507I full temp range
450
550
750
µV
ΔVio
Vio drift vs. temperature
Tmin < Top < Tmax
1µV/°C
Iib
Input bias current
T = 25°C
TS507C full temp range
TS507I full temp range
870
75
160
nA
Iio
Input offset current
T = 25°C
TS507C full temp range
TS507I full temp range
225
45
45
nA
CMRR
Common mode rejection ratio
20 log (
ΔVicm/ΔVio)
Vicm from 0V to 1.5V
115
dB
Avd
Large signal voltage gain
RL = 10kΩ, Vout= 0.5V to 2.2V
126
dB
VCC-VOH High level output voltage drop
RL = 600Ω, T=25°C
TS507C full temp range
TS507I full temp range
57
85
100
105
mV
RL = 10kΩ, T=25°C
Full temp range
415
15
VOL
Low level output voltage
RL = 600Ω, T=25°C
TS507C full temp range
TS507I full temp range
57
80
100
115
mV
RL = 10kΩ, T=25°C
Full temp range
415
15
Iout
Isink
Vout = VCC, Vid=-1V, T=25°C
TS507C full temp range
TS507I full temp range
20
15
13
30
mA
Isource
Vout = VDD, Vid=1V, T=25°C
TS507C full temp range
TS507I full temp range
22
19
17
35
ICC
Supply current (per operator)(2)
No load, Vout=VCC/2,
Vicm=0 to 2.7V, T=25°C
Full temp range
0.79
1.1
1.2
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com