Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS507 Datasheet(PDF) 19 Page - STMicroelectronics

Part # TS507
Description  High precision rail-to-rail operational amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS507 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TS507 Datasheet HTML 12Page - STMicroelectronics TS507 Datasheet HTML 13Page - STMicroelectronics TS507 Datasheet HTML 14Page - STMicroelectronics TS507 Datasheet HTML 15Page - STMicroelectronics TS507 Datasheet HTML 16Page - STMicroelectronics TS507 Datasheet HTML 17Page - STMicroelectronics TS507 Datasheet HTML 18Page - STMicroelectronics TS507 Datasheet HTML 19Page - STMicroelectronics TS507 Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
TS507
Ordering information
19/20
5
Ordering information
6
Revision history
Table 9.
Order codes
Order code
Temperature
range
Package
Packing
Marking
TS507ID
TS507IDT
-40°C to 125°C
SO-8
Tube or
Tape & reel
TS507I
TS507IYD(1)
TS507IYDT(1)
1.
Qualification and characterization according to AEC Q100 and Q003 or equivalent, advanced screening
according to AEC Q001 & Q 002 or equivalent are on-going.
SO-8
(Automotive grade)
TS507Y
TS507ILT
-40°C to 125°C
SOT23-5(2)
2.
All information related to the SOT23-5 package is subject to change without notice.
Tape & reel
K131
TS507IYLT(1)
SOT23-5(2)
(Automotive grade)
Tape & reel
K137
TS507CD
TS507CDT
0°C to 85°C
SO-8
Tube or
Tape & reel
TS507C
TS507CLT
SOT23-5(2)
Tape & reel
K136
Table 10.
Document revision history
Date
Revision
Changes
01-Oct-2004
1
Preliminary data release for product in development.
02-May-2006
2
Update preliminary data release for product in development.
15-Dec-2006
3
First public release.
03-May-2007
4
Automotive grade products added.
08-Apr-2008
5
Electrical characteristics curves for Bode and AC stability added and
updated.
Application note section added.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com