Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS507 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TS507
Description  High precision rail-to-rail operational amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS507 Datasheet(HTML) 5 Page - STMicroelectronics

  TS507 Datasheet HTML 1Page - STMicroelectronics TS507 Datasheet HTML 2Page - STMicroelectronics TS507 Datasheet HTML 3Page - STMicroelectronics TS507 Datasheet HTML 4Page - STMicroelectronics TS507 Datasheet HTML 5Page - STMicroelectronics TS507 Datasheet HTML 6Page - STMicroelectronics TS507 Datasheet HTML 7Page - STMicroelectronics TS507 Datasheet HTML 8Page - STMicroelectronics TS507 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
TS507
Electrical characteristics
5/20
Iout
Isink
Vout = VCC, Vid=-1V, T=25°C
TS507C full temp range
TS507I full temp range
74
60
53
104
mA
Isource
Vout = VDD, Vid=1V, T=25°C
TS507C full temp range
TS507I full temp range
90
77
70
128
ICC
Supply current (per operator)(2)
No load, Vout=VCC/2,
Vicm=0 to 5V, T=25°C
Full temp range
0.85
1.15
1.25
mA
Dynamic performance
GBP
Gain bandwidth product
RL =2kΩ, CL = 100pF,
f = 100kHz
1.9
MHz
φm
Phase margin
RL = 2kΩ, CL=100pF
45
Degrees
Gm
Gain margin
RL = 2kΩ, CL=100pF
10
dB
SR
Slew rate
RL = 2kΩ, CL=100pF,
Vout = 1.25V to 3.75V, 10% to
90%
0.6
V/µs
eN
Equivalent input noise voltage
f = 1kHz
12
nV/
√Hz
iN
Equivalent input noise current
f = 10kHz
1.2
pA/
√Hz
THD+eN THD + noise
f=1kHz, G=1, RL=2kΩ, Vicm=2V,
Vout=3.5Vpp
0.0003
%
1.
All parameter limits at temperatures different from 25° C are guaranteed by correlation.
2.
Measurements done at 4 Vicm values: Vicm=0 V, Vicm=3.8 V, Vicm=4.2 V, Vicm=5 V.
Table 3.
Electrical characteristics at VCC =+5V, VDD =0V, Vicm =VCC/2, Tamb =25°C,
RL connected to VCC/2 (unless otherwise specified)
(1) (continued)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com