Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC101 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TSC101
Description  High side current sense amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC101 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TSC101 Datasheet HTML 2Page - STMicroelectronics TSC101 Datasheet HTML 3Page - STMicroelectronics TSC101 Datasheet HTML 4Page - STMicroelectronics TSC101 Datasheet HTML 5Page - STMicroelectronics TSC101 Datasheet HTML 6Page - STMicroelectronics TSC101 Datasheet HTML 7Page - STMicroelectronics TSC101 Datasheet HTML 8Page - STMicroelectronics TSC101 Datasheet HTML 9Page - STMicroelectronics TSC101 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Electrical characteristics
TSC101
6/17
Electrical characteristics curves
In all of the electrical characteristics curves that follow, the tested device is a TSC101C, and
the test conditions are Tamb=25°C, VCC=12V, Vsense=Vp-Vm=50mV, Vm=12V, no load on Out
unless otherwise specified.
Table 7.
Frequency response(1)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ts
Output settling to 1% final value
Vsense=10mV to 100mV,
Cload=47pF
TSC101A
TSC101B
TSC101C
3
6
10
µs
SR
Slew rate
Vsense=10mV to 100mV
0.55
0.9
V/µs
BW
3dB bandwidth
Cload=47pF, Vsense=100mV
TSC101A
TSC101B
TSC101C
500
670
450
kHz
1.
Unless otherwise specified, the test conditions are Tamb=25°C, VCC=12V, Vsense=Vp-Vm=50mV, Vm=12V, no load on Out.
Table 8.Noise(1)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Total output voltage noise
50
nV/
√Hz
1.
Unless otherwise specified, the test conditions are Tamb=25°C, VCC=12V, Vsense=Vp-Vm=50mV, Vm=12V, no load on Out.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com