Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC101 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TSC101
Description  High side current sense amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC101 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TSC101 Datasheet HTML 4Page - STMicroelectronics TSC101 Datasheet HTML 5Page - STMicroelectronics TSC101 Datasheet HTML 6Page - STMicroelectronics TSC101 Datasheet HTML 7Page - STMicroelectronics TSC101 Datasheet HTML 8Page - STMicroelectronics TSC101 Datasheet HTML 9Page - STMicroelectronics TSC101 Datasheet HTML 10Page - STMicroelectronics TSC101 Datasheet HTML 11Page - STMicroelectronics TSC101 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Electrical characteristics
TSC101
8/17
Figure 7.
Output stage low-state saturation
voltage versus output current
(Vsense=-1V)
Figure 8.
Output stage high-state saturation
voltage versus output current
(Vsense=+1V)
-50
0
50
100
150
200
250
300
350
400
-10
-5
0
5
10
Iout (mA)
output stage
sinking
current
output stage
sourcing
current
T=- 40°C
T=25°C
T=125°C
0
500
1000
1500
2000
-10
-5
0
5
10
Iout (mA)
output stage
sinking
current
output stage
sourcing
current
T=- 40°C
T=25°C
T=125°C
Figure 9.
Output short-circuit source current
versus temperature (Out pin
connected to ground)
Figure 10.
Output short-circuit sink current
versus temperature (Out pin
connected to VCC)
Figure 11.
Output stage load regulation
20
22
24
26
28
30
32
34
-50
-25
0
25
50
75
100
125
T (°C)
50
52
54
56
58
60
62
64
66
68
70
-50
-25
0
25
50
75
100
125
T (°C)
-50
-40
-30
-20
-10
0
10
-10
-5
0
5
10
Iout (mA)
output stage
sinking
current
output stage
sourcing
current
T=- 40°C
T=25°C
T=125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com