Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC101 Datasheet(PDF) 14 Page - STMicroelectronics

Part # TSC101
Description  High side current sense amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC101 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TSC101 Datasheet HTML 9Page - STMicroelectronics TSC101 Datasheet HTML 10Page - STMicroelectronics TSC101 Datasheet HTML 11Page - STMicroelectronics TSC101 Datasheet HTML 12Page - STMicroelectronics TSC101 Datasheet HTML 13Page - STMicroelectronics TSC101 Datasheet HTML 14Page - STMicroelectronics TSC101 Datasheet HTML 15Page - STMicroelectronics TSC101 Datasheet HTML 16Page - STMicroelectronics TSC101 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Application information
TSC101
14/17
5
Application information
The TSC101 can be used to measure current and to feed back the information to a
microcontroller, as shown in Figure 23.
Figure 23.
Typical application schematic
The current from the supply flows to the load through the Rsense resistor causing a voltage
drop equal to Vsense across Rsense. The amplifier input currents are negligible, therefore its
inverting input voltage is equal to Vm. The amplifier's open-loop gain forces its non-inverting
input to the same voltage as the inverting input. As a consequence, the amplifier adjusts
current flowing through Rg1 so that the voltage drop across Rg1 exactly matches Vsense.
Therefore, the drop across Rg1 is:
VRg1=Vsense=Rsense.Iload
If IRg1 is the current flowing through Rg1, then IRg1 is given by the formula:
IRg1=Vsense/Rg1
The IRg1 current flows entirely into resistor Rg3 (the input bias current of the buffer is
negligible). Therefore, the voltage drop on the Rg3 resistor can be calculated as follows:
VRg3=Rg3.IRg1=(Rg3/Rg1).Vsense
Because the voltage across the Rg3 resistor is buffered to the Out pin, Vout can be
expressed as:
Vout=(Rg3/Rg1).Vsense or Vout=(Rg3/Rg1).Rsense.Iload
The resistor ratio Rg3/Rg1 is internally set to 20V/V for TSC101A, to 50V/V for TSC101B and
to 100V/V for TSC101C.
The Rsense resistor and the Rg3/Rg1 resistor ratio (equal to Av) are important parameters
because they define the full scale output range of your application. Therefore, they must be
selected carefully.
5V
Vsense
Vout
load
Iload
2.8V to 30V
Rsense
Vreg
Vp
Vm
Out
Gnd
VCC
Rg1
Rg2
Rg3
TSC101
Microcontroller
ADC
Gnd
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com