Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH94 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TSH94
Description  High speed low power quad operational amplifier with standby position
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH94 Datasheet(HTML) 3 Page - STMicroelectronics

  TSH94 Datasheet HTML 1Page - STMicroelectronics TSH94 Datasheet HTML 2Page - STMicroelectronics TSH94 Datasheet HTML 3Page - STMicroelectronics TSH94 Datasheet HTML 4Page - STMicroelectronics TSH94 Datasheet HTML 5Page - STMicroelectronics TSH94 Datasheet HTML 6Page - STMicroelectronics TSH94 Datasheet HTML 7Page - STMicroelectronics TSH94 Datasheet HTML 8Page - STMicroelectronics TSH94 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
TSH94
Absolute maximum ratings and operating conditions
3/19
2
Absolute maximum ratings and operating conditions
Table 1.
Absolute maximum ratings (AMR)
Symbol
Parameter
Value
Unit
VCC
Supply voltage (1)
1.
All voltage values, except differential voltage are with respect to network ground terminal
14
V
Vid
Differential input voltage (2)
2.
Differential voltages are the non-inverting input terminal with respect to the inverting input terminal
±5
V
Vi
Input voltage (3)
3.
The magnitude of input and output voltages must never exceed VCC
+ +0.3V
-0.3 to 12
V
Toper
Operating free-air temperature range
-40 to +125
°C
Tstg
Storage temperature range
-65 to +150
°C
ESD
CDM: charged device model(4)
HBM: human body model(5)
MM: machine model(6)
4.
Charged device model: all pins and the package are charged together to the specified voltage and then
discharged directly to the ground through only one pin. This is done for all pins.
5.
Human body model: A 100pF capacitor is charged to the specified voltage, then discharged through a
1.5k
Ω resistor between two pins of the device. This is done for all couples of connected pin combinations
while the other pins are floating.
6.
Machine model: A 200pF capacitor is charged to the specified voltage, then discharged directly between
two pins of the device with no external series resistor (internal resistor < 5
Ω). This is done for all couples of
connected pin combinations while the other pins are floating
1.5
2
200
kV
kV
V
Table 2.
Operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage
7 to 12
V
Vicm
Common mode input voltage range
VCC
- +2 to V
CC
+ -1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com