Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH94 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TSH94
Description  High speed low power quad operational amplifier with standby position
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH94 Datasheet(HTML) 4 Page - STMicroelectronics

  TSH94 Datasheet HTML 1Page - STMicroelectronics TSH94 Datasheet HTML 2Page - STMicroelectronics TSH94 Datasheet HTML 3Page - STMicroelectronics TSH94 Datasheet HTML 4Page - STMicroelectronics TSH94 Datasheet HTML 5Page - STMicroelectronics TSH94 Datasheet HTML 6Page - STMicroelectronics TSH94 Datasheet HTML 7Page - STMicroelectronics TSH94 Datasheet HTML 8Page - STMicroelectronics TSH94 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Electrical characteristics
TSH94
4/19
3
Electrical characteristics
Table 3.
VCC
+ = 5V, V
CC
- = -5V, pin 8 connected to 0V, pin 9 connected to V
CC
+, T
amb = 25°C
(unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vio
Input offset voltage Vic = Vo = 0V
Tmin ≤ Tamb ≤ Tmax
3
5
mV
Iio
Input offset current
Tmin ≤ Tamb ≤ Tmax
12
5
μA
Iib
Input bias current
Tmin ≤ Tamb ≤ Tmax
515
20
μA
ICC
Supply current (per amplifier, no load)
Tmin ≤ Tamb ≤ Tmax
4.5
6
8
mA
CMR
Common mode rejection ratio Vic = -3V to +4V, Vo = 0V
Tmin ≤ Tamb ≤ Tmax
80
70
100
dB
SVR
Supply voltage rejection ratio VCC = ±5V to ±3V
Tmin ≤ Tamb ≤ Tmax
60
50
75
dB
Avd
Large signal voltage gain RL = 10kΩ, Vo = ±2.5V
Tmin ≤ Tamb ≤ Tmax
57
54
70
dB
VOH
High level output voltage Vid = 1V
RL = 600Ω
RL = 150Ω
Tmin ≤ Tamb ≤ Tmax.
RL = 150Ω
3
2.5
2.4
3.5
3
V
VOL
Low level output voltage Vid = 11V
RL = 600Ω
RL = 150Ω
Tmin ≤ Tamb ≤ Tmax.
RL = 150Ω
-3.5
-2.8
-3
-2.5
-2.4
V
Io
Output short-circuit current Vid = ±1V
Source
Sink
Tmin ≤ Tamb ≤ Tmax.
Source
Sink
20
20
15
15
36
40
mA
GBP
Gain bandwidth product
AVCL = 100, RL = 600Ω, CL = 15pF, f = 7.5MHz
90
150
MHz
fT
Transition frequency
90
MHz
SR
Slew rate
Vin = -2 to +2V, AVCL = +1, RL = 600Ω, CL = 15pF
70
110
V/
μs
en
Equivalent input voltage noise Rs = 50Ω, f = 1kHz
4.2
nV/
√Hz
φm
Phase margin AVM = +1
35
Degrees
VO1/VO2 Channel separation f = 1MHz to 10MHz
65
dB
Gf
Gain flatness f = DC to 6MHz, AVCL = 10dB
0.1
dB
THD
Total harmonic distortion f = 1kHz, Vo = ±2.5V, RL = 600Ω
0.01
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com