Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH94 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TSH94
Description  High speed low power quad operational amplifier with standby position
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH94 Datasheet(HTML) 5 Page - STMicroelectronics

  TSH94 Datasheet HTML 1Page - STMicroelectronics TSH94 Datasheet HTML 2Page - STMicroelectronics TSH94 Datasheet HTML 3Page - STMicroelectronics TSH94 Datasheet HTML 4Page - STMicroelectronics TSH94 Datasheet HTML 5Page - STMicroelectronics TSH94 Datasheet HTML 6Page - STMicroelectronics TSH94 Datasheet HTML 7Page - STMicroelectronics TSH94 Datasheet HTML 8Page - STMicroelectronics TSH94 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
TSH94
Electrical characteristics
5/19
Standby mode
ΔG
Differential gain f = 3.58MHz, AVCL = +2, RL = 150Ω
0.03
%
Δϕ
Differential phase f = 3.58MHz, AVCL = +2, RL = 150Ω
0.07
Degree
Table 3.
VCC
+ = 5V, V
CC
- = -5V, pin 8 connected to 0V, pin 9 connected to V
CC
+, T
amb = 25°C
(unless otherwise specified) (continued)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Table 4.
VCC
+ = 5V, V
CC
- = -5V, T
amb = 25°C (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
VSTBY
Pin 8/9 threshold voltage for STANDBY mode
VCC
+ -2.2 V
CC
+ -1.6 V
CC
+ -1.0
V
ICC-STBY
Total consumption
Standby 1 & 2 = 0
Standby 1 & 2 = 1
Standby 1 = 1, Standby 2 = 0
13.7
13.7
9.4
mA
Isol
Input/output isolation (f = 1MHz to 10MHz)
70
dB
ton
Time from standby mode to active mode
200
ns
toff
Time from active mode to standby mode
200
ns
ID
Standby driving current
2
pA
IOL
Output leakage current
20
pA
IIL
Input leakage current
20
pA
Table 5.
Standby control pin status
Logic input
Status
Standby 1
Standby 2
Op-amp 2
Op-amp 3
Op-amps 1 & 4
0
0
Enable
Standby
Enable
0
1
Enable
Enable
Enable
1
0
Standby
Standby
Enable
1
1
Standby
Enable
Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com