Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH94ID Datasheet(PDF) 9 Page - STMicroelectronics

Part # TSH94ID
Description  High speed low power quad operational amplifier with standby position
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH94ID Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TSH94ID Datasheet HTML 5Page - STMicroelectronics TSH94ID Datasheet HTML 6Page - STMicroelectronics TSH94ID Datasheet HTML 7Page - STMicroelectronics TSH94ID Datasheet HTML 8Page - STMicroelectronics TSH94ID Datasheet HTML 9Page - STMicroelectronics TSH94ID Datasheet HTML 10Page - STMicroelectronics TSH94ID Datasheet HTML 11Page - STMicroelectronics TSH94ID Datasheet HTML 12Page - STMicroelectronics TSH94ID Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
TSH94
Electrical characteristics
9/19
Figure 15.
Common input impedance versus
frequency
Figure 16.
Differential input impedance versus
frequency
Figure 17.
Input offset voltage drift versus
temperature
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
1k
10k
100k
1M
10M
100M
Frequency (Hz)
1k
10k
100k
1M
10M
100M
Frequency (Hz)
120
100
80
60
40
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com