Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH94ID Datasheet(PDF) 18 Page - STMicroelectronics

Part # TSH94ID
Description  High speed low power quad operational amplifier with standby position
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH94ID Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TSH94ID Datasheet HTML 11Page - STMicroelectronics TSH94ID Datasheet HTML 12Page - STMicroelectronics TSH94ID Datasheet HTML 13Page - STMicroelectronics TSH94ID Datasheet HTML 14Page - STMicroelectronics TSH94ID Datasheet HTML 15Page - STMicroelectronics TSH94ID Datasheet HTML 16Page - STMicroelectronics TSH94ID Datasheet HTML 17Page - STMicroelectronics TSH94ID Datasheet HTML 18Page - STMicroelectronics TSH94ID Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
Ordering information
TSH94
18/19
7
Ordering information
8
Revision history
Table 8.
Order codes
Part number
Temperature
range
Package
Packing
Marking
TSH94ID
TSH94IDT
-40°C to +125°C
SO-16
Tube or
Tape & reel
TSH94I
TSH94IYD
TSH94IYDT(1)
1.
Qualification and characterization according to AEC Q100 and Q003 or equivalent, advanced screening
according to AEC Q001 & Q 002 or equivalent are on-going.
SO-16
(Automotive grade)
Tube or
Tape & reel
TSH94Y
Table 9.
Document revision history
Date
Revision
Changes
5-Oct-2000
1
Initial release.
6-Jun-2007
2
Table 8: Order codes updated and moved to Section 7: Ordering
information. Automotive grade order codes added.
Format update.
27-Nov-2007
3
Corrected unit in feature list on cover page from 110V/ms to 110V/µs.
Added ESD parameters in Table 1: Absolute maximum ratings
(AMR).
Updated footnote in Table 8: Order codes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com