Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH94ID Datasheet(PDF) 13 Page - STMicroelectronics

Part # TSH94ID
Description  High speed low power quad operational amplifier with standby position
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH94ID Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TSH94ID Datasheet HTML 9Page - STMicroelectronics TSH94ID Datasheet HTML 10Page - STMicroelectronics TSH94ID Datasheet HTML 11Page - STMicroelectronics TSH94ID Datasheet HTML 12Page - STMicroelectronics TSH94ID Datasheet HTML 13Page - STMicroelectronics TSH94ID Datasheet HTML 14Page - STMicroelectronics TSH94ID Datasheet HTML 15Page - STMicroelectronics TSH94ID Datasheet HTML 16Page - STMicroelectronics TSH94ID Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
TSH94
Macromodel information
13/19
VINM 5 27 5.000000E+01
***********************
RZP1 5 80 1E+06
RZP2 4 80 1E+06
GZP 5 82 19 80 2.5E-05
RZP2H 83 4 10000
RZP1H 83 82 80000
RZP2B 84 5 10000
RZP1B 82 84 80000
LZPH 4 83 3.535e-02
LZPB 84 5 3.535e-02
EOUT 26 23 82 5 1
VOUT 23 5 0
ROUT 26 3 35
COUT 3 5 30.000000E-12
DOP 19 25 MDTH 400E-12
VOP 4 25 2.361965E+00
DON 24 19 MDTH 400E-12
VON 24 5 2.361965E+00
.ENDS
5.2
TSH94I with standby
The macromodel information provided in this section applies to TSH94I (model with
standby).
* 1 INVERTING INPUT
* 2 NON-INVERTING INPUT
* 3 OUTPUT
* 4 POSITIVE POWER SUPPLY
* 5 NEGATIVE POWER SUPPLY
Table 6.
Electrical characteristics with VCC = ±5V, Tamb = 25°C (unless otherwise
specified)
Symbol
Conditions
Value
Unit
Vio
0mV
Avd
RL = 600Ω
3.2
V/mV
ICC
No load / amp
5.2
mA
Vicm
-3 to 4
V
VOH
RL = 600Ω
+3.6
V
VOL
RL = 600Ω
-3.6
V
Isink
Vo = 0V
40
mA
Isource
Vo = 0V
40
mA
GBP
RL = 600Ω, CL = 15pF
147
MHz
SR
RL = 600Ω, CL = 15pF
110
V/
μs
φmRL = 600Ω, CL = 15pF
42
Degrees



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com