Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS912 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TS912
Description  Rail-to-rail CMOS dual operational amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS912 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TS912 Datasheet HTML 2Page - STMicroelectronics TS912 Datasheet HTML 3Page - STMicroelectronics TS912 Datasheet HTML 4Page - STMicroelectronics TS912 Datasheet HTML 5Page - STMicroelectronics TS912 Datasheet HTML 6Page - STMicroelectronics TS912 Datasheet HTML 7Page - STMicroelectronics TS912 Datasheet HTML 8Page - STMicroelectronics TS912 Datasheet HTML 9Page - STMicroelectronics TS912 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Electrical characteristics
TS912
6/18
Table 4.
VCC
+ = 5V, V
CC
- = 0V, R
L, CL connected to VCC/2, Tamb = 25°C (unless otherwise
specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vio
Input offset voltage (Vic = Vo = VCC/2)
TS912
TS912A
TS912B
Tmin ≤ Tamb ≤ Tmax
TS912
TS912A
TS912B
10
5
2
12
7
3
mV
ΔVio
Input offset voltage drift
5
μV/°C
Iio
Input offset current (1)
Tmin ≤ Tamb ≤ Tmax
1
100
200
pA
Iib
Input bias current (1)
Tmin ≤ Tamb ≤ Tmax
1
150
300
pA
ICC
Supply current (per amplifier, AVCL = 1, no load)
Tmin ≤ Tamb ≤ Tmax
230
350
450
μA
CMR
Common mode rejection ratio
Vic = 1.5 to 3.5V, Vo = 2.5V
60
85
dB
SVR
Supply voltage rejection ratio (VCC
+ = 3 to 5V, V
o = VCC/2)
55
80
dB
Avd
Large signal voltage gain (RL = 10kΩ, Vo = 1.5V to 3.5V)
Tmin ≤ Tamb ≤ Tmax
10
7
40
V/mV
VOH
High level output voltage (Vid = 1V)
RL = 100kΩ
RL = 10kΩ
RL = 600Ω
RL = 100Ω
Tmin ≤ Tamb ≤ Tmax
RL = 10kΩ
RL = 600Ω
4.95
4.9
4.25
4.8
4.1
4.95
4.55
3.7
V
VOL
Low level output voltage (Vid = -1V)
RL = 100kΩ
RL = 10kΩ
RL = 600Ω
RL = 100Ω
Tmin ≤ Tamb ≤ Tmax
RL = 10kΩ
RL = 600Ω
40
350
1400
50
100
500
150
750
mV
Io
Output short-circuit current (Vid = ±1V)
Source (Vo = VCC
-)
Sink (Vo = VCC
+)
45
45
65
65
mA
GBP
Gain bandwidth product
(AVCL = 100, RL = 10kΩ, CL = 100pF, f = 100kHz)
1MHz
SR+
Slew rate (AVCL = 1, RL = 10kΩ, CL = 100pF, Vi = 1V to 4V)
0.8
V/
μs
SR-
Slew rate (AVCL = 1, RL = 10kΩ, CL = 100pF, Vi = 1V to 4V)
0.6
V/
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com