Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS912 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TS912
Description  Rail-to-rail CMOS dual operational amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS912 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TS912 Datasheet HTML 5Page - STMicroelectronics TS912 Datasheet HTML 6Page - STMicroelectronics TS912 Datasheet HTML 7Page - STMicroelectronics TS912 Datasheet HTML 8Page - STMicroelectronics TS912 Datasheet HTML 9Page - STMicroelectronics TS912 Datasheet HTML 10Page - STMicroelectronics TS912 Datasheet HTML 11Page - STMicroelectronics TS912 Datasheet HTML 12Page - STMicroelectronics TS912 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
TS912
Electrical characteristics
9/18
SR+
Slew rate
(AVCL = 1, RL = 10kΩ, CL = 100pF, Vi = 2.5V to 7.5V)
1.3
V/
μs
SR-
Slew rate
(AVCL = 1, RL = 10kΩ, CL = 100pF, Vi = 2.5V to 7.5V)
0.8
V/
μs
φm
Phase margin
40
Degrees
en
Equivalent input noise voltage (Rs = 100Ω, f = 1kHz)
30
nV/
√Hz
THD
Total harmonic distortion
(AVCL = 1, RL = 10kΩ, CL = 100pF, Vo = 4.75V to 5.25V, f = 1kHz)
0.02
%
Cin
Input capacitance
1.5
pF
1.
Maximum values include unavoidable inaccuracies of the industrial tests.
Table 5.
VCC
+ = 10V, V
CC
- = 0V, R
L, CL connected to VCC/2, Tamb = 25°C (unless otherwise
specified) (continued)
Symbol
Parameter
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com