Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS912 Datasheet(PDF) 12 Page - STMicroelectronics

Part # TS912
Description  Rail-to-rail CMOS dual operational amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS912 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TS912 Datasheet HTML 8Page - STMicroelectronics TS912 Datasheet HTML 9Page - STMicroelectronics TS912 Datasheet HTML 10Page - STMicroelectronics TS912 Datasheet HTML 11Page - STMicroelectronics TS912 Datasheet HTML 12Page - STMicroelectronics TS912 Datasheet HTML 13Page - STMicroelectronics TS912 Datasheet HTML 14Page - STMicroelectronics TS912 Datasheet HTML 15Page - STMicroelectronics TS912 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Macromodel
TS912
12/18
4
Macromodel
4.1
Important note concerning this macromodel
Please consider the following remarks before using this macromodel.
●
All models are a trade-off between accuracy and complexity (i.e. simulation time).
●
Macromodels are not a substitute to breadboarding; rather, they confirm the validity of
a design approach and help to select surrounding component values.
●
A macromodel emulates the nominal performance of a typical device within specified
operating conditions (temperature, supply voltage, for example). Thus the
macromodel is often not as exhaustive as the datasheet, its purpose is to illustrate the
main parameters of the product.
Data derived from macromodels used outside of the specified conditions (VCC, temperature,
for example) or even worse, outside of the device operating conditions (VCC, Vicm, for
example), is not reliable in any way.
Figure 14.
Input voltage noise vs. frequency
150
100
50
0
10
100
1000
10000
FREQUENCY (Hz)
= 10V
= 25°C
Tamb
VCC
= 100W
RS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com