Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ULQ2001 Datasheet(PDF) 6 Page - STMicroelectronics

Part # ULQ2001
Description  Seven Darlington array
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ULQ2001 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ULQ2001 Datasheet HTML 2Page - STMicroelectronics ULQ2001 Datasheet HTML 3Page - STMicroelectronics ULQ2001 Datasheet HTML 4Page - STMicroelectronics ULQ2001 Datasheet HTML 5Page - STMicroelectronics ULQ2001 Datasheet HTML 6Page - STMicroelectronics ULQ2001 Datasheet HTML 7Page - STMicroelectronics ULQ2001 Datasheet HTML 8Page - STMicroelectronics ULQ2001 Datasheet HTML 9Page - STMicroelectronics ULQ2001 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Electrical characteristics
ULQ2001 - ULQ2003 - ULQ2004
6/14
4
Electrical characteristics
Table 4.
Electrical characteristics
(TJ = -40 to 105 °C for DIP16 unless otherwise specified)
(TJ = 25 to 105 °C for SO16 unless otherwise specified).
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ICEX
Output leakage current
VCE = 50V, (Figure 3)50
µA
TJ = 105°C, VCE= 50V (Figure 3)100
TJ = 105°C for ULQ2004, VCE= 50V,
VI = 1V (Figure 4)
500
VCE(SAT)
Collector-emitter saturation
voltage (Figure 5)
IC = 100mA, IB = 250µA
0.9
1.1
V
IC = 200mA, IB= 350µA
1.1
1.3
IC = 350mA, IB= 500µA
1.3
1.6
II(ON)
Input current (Figure 6)
for ULQ2003, VI = 3.85V
0.93
1.35
mA
for ULQ2004, VI = 5V
0.35
0.5
for ULQ2004, VI = 12V
1
1.45
II(OFF)
Input current (Figure 7)TJ = 105°C, IC = 500µA
50
65
µA
VI(ON)
Input voltage (Figure 8)
for ULQ2003
VCE= 2V, IC = 200mA
VCE= 2V, IC = 250mA
VCE= 2V, IC = 300mA
for ULQ2004
VCE= 2V, IC = 125mA
VCE= 2V, IC = 200mA
VCE= 2V, IC = 275mA
VCE= 2V, IC = 350mA
2.4
2.7
3
5
6
7
8
V
hFE
DC forward current gain
(Figure 5)
for ULQ2001, VCE = 2V,
IC = 350mA
1000
CI
Input capacitance
15
25 (1)
1.
Guaranteed by design.
pF
tPLH
Turn-on delay time
0.5 VI to 0.5VO
0.25
1 (1)
µs
tPHL
Turn-off delay time
0.5 VI to 0.5VO
0.25
1 (1)
µs
IR
Clamp diode leakage current
(Figure 9)
VR = 50V
50
µA
TJ = 105°C, VR = 50V
100
VF
Clamp diode forward voltage
(Figure 10)
IF = 350mA
1.7
2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com