Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ULQ2001 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ULQ2001
Description  Seven Darlington array
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ULQ2001 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ULQ2001 Datasheet HTML 3Page - STMicroelectronics ULQ2001 Datasheet HTML 4Page - STMicroelectronics ULQ2001 Datasheet HTML 5Page - STMicroelectronics ULQ2001 Datasheet HTML 6Page - STMicroelectronics ULQ2001 Datasheet HTML 7Page - STMicroelectronics ULQ2001 Datasheet HTML 8Page - STMicroelectronics ULQ2001 Datasheet HTML 9Page - STMicroelectronics ULQ2001 Datasheet HTML 10Page - STMicroelectronics ULQ2001 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
ULQ2001 - ULQ2003 - ULQ2004
Electrical characteristics
7/14
Table 5.
Electrical characteristics for ULQ2003D1013TRY (Automotive Grade)
(TJ = -40 to 125 °C for SO16 unless otherwise specified).
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ICEX
Output leakage current
(Figure 3)
VCE = 50V
50
µA
VCE(SAT)
Collector-emitter saturation
voltage (Figure 5)
IC = 100mA, IB = 250µA
0.9
1.1
V
IC = 200mA, IB= 350µA
1.1
1.3
IC = 350mA, IB= 500µA
1.3
1.6
II(ON)
Input current (Figure 6)VI = 3.85V
0.93
1.35
mA
II(OFF)
Input current (Figure 7)IC = 500µA
50
65
µA
VI(ON)
Input voltage (Figure 8)
VCE = 2V, IC = 200mA
VCE = 2V, IC = 250mA
VCE = 2V,IC = 300mA
2.4
2.7
3
V
CI
Input capacitance
15
25
pF
tPLH
Turn-on delay time
0.5 VI to 0.5VO
0.25
1
µs
tPHL
Turn-off delay time
0.5 VI to 0.5VO
0.25
1
µs
IR
Clamp diode leakage current
(Figure 9)
VR = 50V
50
µA
VF
Clamp diode forward voltage
(Figure 10)
IF = 350mA
1.7
2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com