Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ULQ2001 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ULQ2001
Description  Seven Darlington array
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ULQ2001 Datasheet(HTML) 1 Page - STMicroelectronics

  ULQ2001 Datasheet HTML 1Page - STMicroelectronics ULQ2001 Datasheet HTML 2Page - STMicroelectronics ULQ2001 Datasheet HTML 3Page - STMicroelectronics ULQ2001 Datasheet HTML 4Page - STMicroelectronics ULQ2001 Datasheet HTML 5Page - STMicroelectronics ULQ2001 Datasheet HTML 6Page - STMicroelectronics ULQ2001 Datasheet HTML 7Page - STMicroelectronics ULQ2001 Datasheet HTML 8Page - STMicroelectronics ULQ2001 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
August 2008
Rev 5
1/14
14
ULQ2001
ULQ2003 - ULQ2004
Seven Darlington array
Features
Seven Darlington per package
Extended temperature range:
-40 to 105 °C
Output current 500 mA per driver (600 mA
peak)
Output voltage 50 V
Automotive Grade product in SO16 package
Integrated suppression diodes for inductive
loads
Outputs can be paralleled for higher current
TTL/CMOS/PMOS/DTL compatible inputs
Inputs pinned opposite outputs to simplify
layout
Description
The ULQ2001, ULQ2003 and ULQ2004 are high
voltage, high current Darlington arrays each
containing seven open collector Darlington pairs
with common emitters. Each channel rated at 500
mA and can withstand peak currents of 600 mA.
Suppression diodes are included for inductive
load driving and the inputs are pinned opposite
the outputs to simplify board layout.
The versions interface to all common logic
families.
These versatile devices are useful for driving a
wide range of loads including solenoids, relays
DC motors, LED displays filament lamps, thermal
print-heads and high power buffers.
The ULQ2001A/2003A and 2004A are supplied in
16 pin plastic DIP packages with a copper lead-
frame to reduce thermal resistance. They are
available also in small outline package (SO16) as
ULQ2003D1/2004D1.
The ULQ2003 is available as Automotive Grade in
SO16 package. The commercial part numbers is
shown in the Table 1 (order codes). This device is
qualified according to the specification AEC-Q100
of the Automotive market, in the temperature
range -40 °C to 125 °C, and the statistical tests
PAT, SYL, SBL are performed.
DIP-16
SO16
(Narrow)
Table 1.
Device summary
Part numbers
Order codes
Description
Packages
ULQ2001
ULQ2001A
General purpose, DTL, TTL,
PMOS, CMOS
DIP-16
ULQ2003
ULQ2003A
5 V TTL, CMOS
DIP-16
ULQ2004
ULQ2004A
6–15 V CMOS, PMOS
DIP-16
ULQ2003
ULQ2003D1013TR
SO16 in tape and reel
ULQ2003
ULQ2003D1013TRY (1)
SO16 in tape and reel
ULQ2004
ULQ2004D1013TR
SO16 in tape and reel
1.
Automotive Grade products.
www.st.com


Similar Part No. - ULQ2001

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ULQ2001 STMICROELECTRONICS-ULQ2001 Datasheet
300Kb / 7P
SEVEN DARLINGTON ARRAYS
Feb-2002
ULQ2001 STMICROELECTRONICS-ULQ2001 Datasheet
210Kb / 13P
Seven darlington array
23-May-2007
ULQ2001A STMICROELECTRONICS-ULQ2001A Datasheet
300Kb / 7P
SEVEN DARLINGTON ARRAYS
Feb-2002
ULQ2001A STMICROELECTRONICS-ULQ2001A Datasheet
210Kb / 13P
Seven darlington array
23-May-2007
ULQ2001D1 STMICROELECTRONICS-ULQ2001D1 Datasheet
300Kb / 7P
SEVEN DARLINGTON ARRAYS
Feb-2002
More results

Similar Description - ULQ2001

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ULN2003A STMICROELECTRONICS-ULN2003A Datasheet
326Kb / 8P
SEVEN DARLINGTON ARRAYS
Feb-2002
logo
Unisonic Technologies
UTCULN2003 UTC-UTCULN2003 Datasheet
485Kb / 7P
SEVEN DARLINGTON ARRAYS
logo
STMicroelectronics
ULN2000 STMICROELECTRONICS-ULN2000 Datasheet
240Kb / 8P
SEVEN DARLINGTON ARRAYS
ULN200XA STMICROELECTRONICS-ULN200XA Datasheet
163Kb / 14P
Seven darlington array
05-Dec-2006
ULQ200XA STMICROELECTRONICS-ULQ200XA Datasheet
210Kb / 13P
Seven darlington array
23-May-2007
ULN200XA STMICROELECTRONICS-ULN200XA_07 Datasheet
605Kb / 14P
Seven darlington array
28-Aug-2007
logo
Silicon Standard Corp.
SS62003 SSC-SS62003 Datasheet
193Kb / 5P
Seven-Channel Darlington Array
logo
STMicroelectronics
ULN2001 STMICROELECTRONICS-ULN2001_12 Datasheet
930Kb / 16P
Seven Darlington array
01-Jun-2012
ULN2004A STMICROELECTRONICS-ULN2004A Datasheet
930Kb / 16P
Seven Darlington array
01-Jun-2012
E-ULN2003A STMICROELECTRONICS-E-ULN2003A Datasheet
930Kb / 16P
Seven Darlington array
01-Jun-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com