Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT16245 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74ACT16245
Description  16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS (NON INVERTED)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74ACT16245 Datasheet(HTML) 1 Page - STMicroelectronics

  74ACT16245 Datasheet HTML 1Page - STMicroelectronics 74ACT16245 Datasheet HTML 2Page - STMicroelectronics 74ACT16245 Datasheet HTML 3Page - STMicroelectronics 74ACT16245 Datasheet HTML 4Page - STMicroelectronics 74ACT16245 Datasheet HTML 5Page - STMicroelectronics 74ACT16245 Datasheet HTML 6Page - STMicroelectronics 74ACT16245 Datasheet HTML 7Page - STMicroelectronics 74ACT16245 Datasheet HTML 8Page - STMicroelectronics 74ACT16245 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
July 2003
s
HIGH SPEED: tPD = 4.9ns (TYP.) at VCC =5V
s
LOW POWER DISSIPATION:
ICC =8µA(MAX.) at TA=25°C
s
COMPATIBLE WITH TTL OUTPUTS
VIH =2V (MIN.), VIL = 0.8V (MAX.)
s
50
Ω TRANSMISSION LINE DRIVING
CAPABILITY
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|= IOL = 24mA (MIN)
s
OPERATING VOLTAGE RANGE:
VCC (OPR) = 4.5V to 5.5V
s
IMPROVED LATCH-UP IMMUNITY
DESCRIPTION
The 74ACT16245 is an advanced high-speed
CMOS 16-BIT BUS TRANSCEIVER (3-STATE)
fabricated
with
sub-micron silicon gate and
double-layer metal wiring C2MOS technology.
This IC is intended for two-way asynchronous
communication between data buses and the
direction of data transmission is determined by
DIR input. The enable inputs G can be used to
disable the device so that the buses are effectively
isolated.
All floating bus terminals during the Z-state must
be held HIGH or LOW.
All inputs and outputs are equipped with protec-
tion circuits against static discharge, giving them
2KV ESD immunity and transient excess voltage.
74ACT16245
16-BIT BUS TRANSCEIVER
WITH 3-STATE OUTPUTS (NON INVERTED)
ORDER CODES
PACKAGE
TUBE
T & R
TSSOP
74ACT16245TTR
TSSOP
PIN CONNECTION


Similar Part No. - 74ACT16245

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ACT16245 TI-74ACT16245 Datasheet
100Kb / 6P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ACT16245 FAIRCHILD-74ACT16245 Datasheet
80Kb / 6P
16-Bit Transceiver with 3-STATE Outputs
logo
Texas Instruments
74ACT16245 TI2-74ACT16245 Datasheet
486Kb / 16P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
REVISED APRIL 1996
74ACT16245DGG TI-74ACT16245DGG Datasheet
100Kb / 6P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
74ACT16245DGGR TI-74ACT16245DGGR Datasheet
527Kb / 13P
SN54ACT16245, 74ACT16245 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - 74ACT16245

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74ACT16244 STMICROELECTRONICS-74ACT16244 Datasheet
62Kb / 8P
16-BIT BUS BUFFER WITH 3 STATE OUTPUTS NON INVERTED
Feb-2000
74AC245 STMICROELECTRONICS-74AC245 Datasheet
265Kb / 9P
OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS (NON INVERTED)
Apr-2001
74VHCT16244 STMICROELECTRONICS-74VHCT16244 Datasheet
213Kb / 9P
16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
Feb-2003
74AC16541 STMICROELECTRONICS-74AC16541 Datasheet
233Kb / 9P
16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
Feb-2003
74VHC16244 STMICROELECTRONICS-74VHC16244 Datasheet
148Kb / 10P
16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
Feb-2003
74VHCT16245A STMICROELECTRONICS-74VHCT16245A Datasheet
254Kb / 10P
16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS (NON INVERTED)
Jul-2003
74AC16245 STMICROELECTRONICS-74AC16245 Datasheet
249Kb / 9P
16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS (NON INVERTED)
Jul-2003
74AC16244 STMICROELECTRONICS-74AC16244 Datasheet
186Kb / 9P
16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
Apr-2001
74ACT16244 STMICROELECTRONICS-74ACT16244_03 Datasheet
217Kb / 9P
16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
Feb-2003
74ACT16541 STMICROELECTRONICS-74ACT16541 Datasheet
249Kb / 9P
16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
Feb-2003
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com