Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LCX138 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74LCX138
Description  Low voltage CMOS 3 to 8 line decoder (Inverter) with 5V tolerant inputs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LCX138 Datasheet(HTML) 1 Page - STMicroelectronics

  74LCX138 Datasheet HTML 1Page - STMicroelectronics 74LCX138 Datasheet HTML 2Page - STMicroelectronics 74LCX138 Datasheet HTML 3Page - STMicroelectronics 74LCX138 Datasheet HTML 4Page - STMicroelectronics 74LCX138 Datasheet HTML 5Page - STMicroelectronics 74LCX138 Datasheet HTML 6Page - STMicroelectronics 74LCX138 Datasheet HTML 7Page - STMicroelectronics 74LCX138 Datasheet HTML 8Page - STMicroelectronics 74LCX138 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
July 2006
Rev 5
1/17
17
74LCX138
Low voltage CMOS 3 to 8 line decoder (Inverter)
with 5V tolerant inputs
Features
■ 5V tolerant inputs
■ High speed:
–tPD = 6.7ns (Max) at VCC = 3V
■ Power down protection on inputs and outputs
■ Symmetrical output impedance:
–|IOH| = IOL = 24mA (Min) at VCC = 3V
■ PCI bus levels guaranteed at 24mA
■ Balanced propagation delays:
–tPLH ≅ tPHL
■ Operating voltage range:
–VCC (Opr) = 2.0V to 3.6V
■ Pin and function compatible with
74 series 138
■ Latch-up performance exceeds
500mA (JESD 17)
■ ESD performance:
– HBM > 2000V
(MIL STD 883 method 3015); MM > 200V
Description
The 74LCX138 is a low voltage CMOS 3 to 8 line
decoder (inverting) fabricated with sub-micron
silicon gate and double-layer metal wiring C2MOS
technology. It is ideal for low power and high
speed 3.3V applications; it can be interfaced to
5V signal environment for inputs.
If the device is enabled, 3 binary select inputs (A,
B and C) determine which one of the outputs will
go low. If enable input G1 is held low or either
G2A or G2B is held high, the decoding function is
inhibited and all the 8 outputs go to high.
Three enable inputs are provided to ease
cascade connection and application of address
decoders for memory systems.
It has same speed performance at 3.3V than 5V
AC/ACT family, combined with a lower power
consumption.
All inputs and outputs are equipped with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
SO-16
TSSOP16
www.st.com
Order codes
Part number
Package
Packaging
74LCX138MTR
SO-16
Tape and reel
74LCX138TTR
TSSOP16
Tape and reel


Similar Part No. - 74LCX138

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCX138 FAIRCHILD-74LCX138 Datasheet
76Kb / 12P
Low Voltage 1-of-8 Decoder/Demultiplexer with 5V Tolerant Inputs
logo
STMicroelectronics
74LCX138 STMICROELECTRONICS-74LCX138 Datasheet
299Kb / 12P
LOW VOLTAGE CMOS 3 TO 8 LINE DECODER (INV) WITH 5V TOLERANT INPUTS
15-Sep-2004
logo
ON Semiconductor
74LCX138 ONSEMI-74LCX138 Datasheet
513Kb / 14P
Low Voltage 1-of-8 Decoder/Demultiplexer
Revised December 2013
logo
Fairchild Semiconductor
74LCX138BQX FAIRCHILD-74LCX138BQX Datasheet
76Kb / 12P
Low Voltage 1-of-8 Decoder/Demultiplexer with 5V Tolerant Inputs
logo
ON Semiconductor
74LCX138BQX ONSEMI-74LCX138BQX Datasheet
513Kb / 14P
Low Voltage 1-of-8 Decoder/Demultiplexer
Revised December 2013
More results

Similar Description - 74LCX138

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LCX138F TOSHIBA-TC74LCX138F Datasheet
289Kb / 9P
LOW VOLTAGE 3-TO-8 LINE DECODER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC7MZ138FK TOSHIBA-TC7MZ138FK Datasheet
237Kb / 7P
LOW-VOLTAGE 3-TO-8 LINE DECODER WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
STMicroelectronics
74LVX238 STMICROELECTRONICS-74LVX238 Datasheet
236Kb / 9P
LOW VOLTAGE CMOS 3 TO 8 LINE DECODER WITH 5V TOLERANT INPUTS
Jul-2001
74LVX04 STMICROELECTRONICS-74LVX04 Datasheet
161Kb / 8P
LOW VOLTAGE CMOS HEX INVERTER WITH 5V TOLERANT INPUTS
Jul-2001
74LCX04MTR STMICROELECTRONICS-74LCX04MTR Datasheet
164Kb / 8P
LOW VOLTAGE CMOS HEX INVERTER WITH 5V TOLERANT INPUTS
Sep-2001
74LCX138 STMICROELECTRONICS-74LCX138 Datasheet
299Kb / 12P
LOW VOLTAGE CMOS 3 TO 8 LINE DECODER (INV) WITH 5V TOLERANT INPUTS
15-Sep-2004
74LCX04 STMICROELECTRONICS-74LCX04 Datasheet
239Kb / 15P
Low voltage CMOS HEX inverter with 5V tolerant inputs
06-Jul-2006
74LVX04 STMICROELECTRONICS-74LVX04_04 Datasheet
225Kb / 11P
LOW VOLTAGE CMOS HEX INVERTER WITH 5V TOLERANT INPUTS
27-Aug-2004
74LVX138 STMICROELECTRONICS-74LVX138 Datasheet
330Kb / 12P
LOW VOLTAGE CMOS 3 TO 8 LINE DECODER (INV.) WITH 5V TOLERANT INPUTS
27-Aug-2004
74LVX238 STMICROELECTRONICS-74LVX238_04 Datasheet
323Kb / 12P
LOW VOLTAGE CMOS 3 TO 8 LINE DECODER WITH 5V TOLERANT INPUTS
27-Aug-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com