Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG3159 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STG3159
Description  Low voltage 1Ω max single SPDT switch with break-before-make feature
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG3159 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STG3159 Datasheet HTML 2Page - STMicroelectronics STG3159 Datasheet HTML 3Page - STMicroelectronics STG3159 Datasheet HTML 4Page - STMicroelectronics STG3159 Datasheet HTML 5Page - STMicroelectronics STG3159 Datasheet HTML 6Page - STMicroelectronics STG3159 Datasheet HTML 7Page - STMicroelectronics STG3159 Datasheet HTML 8Page - STMicroelectronics STG3159 Datasheet HTML 9Page - STMicroelectronics STG3159 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Electrical characteristics
STG3159
6/18
Symbol
Parameter
Test conditions
Value
Unit
Vcc (V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
IOFF
OFF state
leakage
current
(SN), (D)
4.3
VS = 0.3 or
4V
±20
±100
nA
IIN
Input
leakage
current
0 – 4.3
VSEL = 0 to
4.3V
±0.1
±1
µA
ICC
Quiescent
supply
current
1.65 – 4.3
VSEL =
VCC or
GND
±0.05
±0.2
±1
µA
ICCLV
Quiescent
supply
current low
voltage
driving
4.3
VSEL =
1.65V
±17
±35
±70
µA
4.3
VSEL =
1.80V
±15
±30
±60
4.3
VSEL =
2.60V
±5
±10
±20
1.
∆R
ON = RON(Max) - RON(Min)
2.
Flatness is defined as the difference between the maximum and minimum value of ON-resistance as measured over the
specified analog signal ranges.
Table 5.
DC specifications (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com