Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG3159 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STG3159
Description  Low voltage 1Ω max single SPDT switch with break-before-make feature
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG3159 Datasheet(HTML) 3 Page - STMicroelectronics

  STG3159 Datasheet HTML 1Page - STMicroelectronics STG3159 Datasheet HTML 2Page - STMicroelectronics STG3159 Datasheet HTML 3Page - STMicroelectronics STG3159 Datasheet HTML 4Page - STMicroelectronics STG3159 Datasheet HTML 5Page - STMicroelectronics STG3159 Datasheet HTML 6Page - STMicroelectronics STG3159 Datasheet HTML 7Page - STMicroelectronics STG3159 Datasheet HTML 8Page - STMicroelectronics STG3159 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
STG3159
Pin connections and functions
3/18
1
Pin connections and functions
Figure 1.
Pin connections (top through view)
Figure 2.
Input equivalent circuit
Table 1.
Truth table
Sel
Switch S1
Switch S2
HON
OFF (1)
LOFF (1)
1.
High impedance
ON
Table 2.
Pin descriptions
Pin Nº
Symbol
Name and function
6, 4
S1, S2
Independent channels
3
D
Common channels
1
SEL
Control
2VCC
Positive supply voltage
5
GND
Ground (0V)
1
2
3
6
5
4
SEL
VCC
D
S2
GND
S1
DFN6L
S1
GND
S2
SEL
VCC
D
1
2
34
5
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com