Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG3159 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STG3159
Description  Low voltage 1Ω max single SPDT switch with break-before-make feature
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG3159 Datasheet(HTML) 5 Page - STMicroelectronics

  STG3159 Datasheet HTML 1Page - STMicroelectronics STG3159 Datasheet HTML 2Page - STMicroelectronics STG3159 Datasheet HTML 3Page - STMicroelectronics STG3159 Datasheet HTML 4Page - STMicroelectronics STG3159 Datasheet HTML 5Page - STMicroelectronics STG3159 Datasheet HTML 6Page - STMicroelectronics STG3159 Datasheet HTML 7Page - STMicroelectronics STG3159 Datasheet HTML 8Page - STMicroelectronics STG3159 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
STG3159
Electrical characteristics
5/18
3
Electrical characteristics
3.1
DC electrical characteristics
Table 5.
DC specifications
Symbol
Parameter
Test conditions
Value
Unit
Vcc (V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
VIH
High level
input
voltage
1.65-1.95
0.65VCC
0.65VCC
0.65VCC
V
2.3-2.5
1.2
1.2
1.2
2.7-3.0
1.3
1.3
1.3
3.3-3.6
1.4
1.4
1.4
4.3
1.6
1.6
1.6
VIL
Low level
input
voltage
1.65-1.95
0.40
0.40
0.40
V
2.3-2.5
0.60
0.60
0.60
2.7-3.0
0.60
0.60
0.60
3.3-3.6
0.60
0.60
0.60
4.3
0.80
0.80
0.80
RPEAK
Switch ON
peak
resistance
1.8
VS = 0V to
VCC
IS = 100mA
2.2
3.0
3.5
Ω
2.7
1.3
1.6
1.8
3.0
1.2
1.5
1.7
4.3
1.1
1.2
1.4
RON
Switch On
resistance
1.8
VS = 0.9V
IS = 100mA
1.7
2.3
2.7
Ω
2.7
VS = 1.3V
IS = 100mA
1.2
1.5
1.7
3.0
VS = 1.5V
IS = 100mA
1.1
1.2
1.6
4.3
VS = 2.5V
IS = 100mA
1.0
1.1
1.3
∆RON
ON
resistance
match
between
channels (1)
1.8
VS @ RON
Max
IS = 100mA
0.06
Ω
2.7
0.05
3.0
0.05
4.3
0.05
RFLAT
ON
resistance
flatness (2)
1.8
VS = 0V to
VCC
IS = 100mA
1.0
1.5
1.5
Ω
2.7
0.45
0.60
0.70
3.0
0.40
0.50
0.60
4.3
0.37
0.50
0.60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com