Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLVDS050 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STLVDS050
Description  HIGH SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLVDS050 Datasheet(HTML) 4 Page - STMicroelectronics

  STLVDS050 Datasheet HTML 1Page - STMicroelectronics STLVDS050 Datasheet HTML 2Page - STMicroelectronics STLVDS050 Datasheet HTML 3Page - STMicroelectronics STLVDS050 Datasheet HTML 4Page - STMicroelectronics STLVDS050 Datasheet HTML 5Page - STMicroelectronics STLVDS050 Datasheet HTML 6Page - STMicroelectronics STLVDS050 Datasheet HTML 7Page - STMicroelectronics STLVDS050 Datasheet HTML 8Page - STMicroelectronics STLVDS050 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
STLVDS050
4/11
RECEIVER ELECTRICAL CHARACTERISTICS (Typical values are at TA =25°C, VCC = 3.3V ±10%,
TA = -40 to 85°C unless otherwise specified)
DRIVER SWITCHING CHARACTERISTICS (Typical values are at TA = 25°C, VCC =3.3V ±10%,
TA = -40 to 85°C unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VITH+
Positive-going Differential
Input Voltage Threshold
100
mV
VITH-
Negative-going Differential
Input Voltage Threshold
-100
mV
VOH
High Level Output Voltage
IOH = -8mA
2.4
V
VOL
Low Level Output Voltage
IOL = 2mA
0.4
V
II
Input Current (A or B Inputs) VI =0V
-2
-11
-20
µA
VI = 2.4V
-1
-3
µA
II(OFF)
Power OFF Input Current
(A or B Inputs)
VCC =0V
±20
µA
IIH
High Level Input Current
(Enable)
VIH =5V
±10
µA
IIL
Low Level Input Current
(Enable)
VIL = 0.8V
±10
µA
IOZ
High Impedance Output
Current
VO = 0 or 5V
± 10
µA
CIN
Input Capacitance
3
pF
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
tPLH
Propagation Delay Time,
Low to High Output
RL = 100Ω
CL = 10pF
2
2.7
ns
tPHL
Propagation Delay Time,
High to Low Output
2
2.7
ns
tr
Differential Output Signal
Rise Time
0.4
1
ns
tf
Differential Output Signal
Fall Time
0.4
1
ns
tsk(P)
Pulse Skew (|tTHL -tTLH|)
(note1)
50
ps
tsk(O)
Channel-to-channel Output
Skew (note2)
40
ps
tPZH
Propagation Delay Time,
High Impedance to High
Level Output
610
ns
tPZL
Propagation Delay Time,
High Impedance to Low
Level Output
610
ns
tPHZ
Propagation Delay Time,
High Level to High
Impedance Output
310
ns
tPLZ
Propagation Delay Time,
Low Level to High
Impedance Output
310
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com