Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLVDS050 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STLVDS050
Description  HIGH SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLVDS050 Datasheet(HTML) 5 Page - STMicroelectronics

  STLVDS050 Datasheet HTML 1Page - STMicroelectronics STLVDS050 Datasheet HTML 2Page - STMicroelectronics STLVDS050 Datasheet HTML 3Page - STMicroelectronics STLVDS050 Datasheet HTML 4Page - STMicroelectronics STLVDS050 Datasheet HTML 5Page - STMicroelectronics STLVDS050 Datasheet HTML 6Page - STMicroelectronics STLVDS050 Datasheet HTML 7Page - STMicroelectronics STLVDS050 Datasheet HTML 8Page - STMicroelectronics STLVDS050 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
STLVDS050
5/11
RECEIVER SWITCHING CHARACTERISTICS (Typical values are at TA =25°C, VCC = 3.3V ±10%,
TA = -40 to 85°C unless otherwise specified)
Note 1: tsk(P) is the magnitude of the time difference between the high to low and low to high propagation delay times at an output
Note 2: tsk(O) is the magnitude of the time difference between the output of a single device with all their inputs connected together.
Note 3: tsk(PP) is the magnitude of the difference between any specified terminals of two devices when both devices operate with the same
supply voltages, same temperature, and have identical packages and test circuit.
TYPICAL PERFORMANCE CHARACTERISTICS (unless otherwise specified TJ =25°C)
Figure 1 : Output Current vs Output High Voltage
for Receiver
Figure 2 : Output Current vs Output Low Voltage
for Receiver
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
tPLH
Propagation Delay Time,
Low to High Output
CL = 10pF
3.0
4.0
ns
tPHL
Propagation Delay Time,
High to Low Output
3.0
4.0
ns
tr
Differential Output Signal
Rise Time
0.6
1
ns
tf
Differential Output Signal
Fall Time
0.6
1
ns
tsk(P)
Pulse Skew (|tTHL -tTLH|)
(Note 1)
0.25
ns
tPZH
Propagation Delay Time,
High Impedance to High
Level Output
2.5
ns
tPZL
Propagation Delay Time,
High Impedance to Low
Level Output
2.5
ns
tPHZ
Propagation Delay Time,
High Level to High
Impedance Output
7ns
tPLZ
Propagation Delay Time,
Low Level to High
Impedance Output
4ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com