Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLVDS050 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STLVDS050
Description  HIGH SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLVDS050 Datasheet(HTML) 1 Page - STMicroelectronics

  STLVDS050 Datasheet HTML 1Page - STMicroelectronics STLVDS050 Datasheet HTML 2Page - STMicroelectronics STLVDS050 Datasheet HTML 3Page - STMicroelectronics STLVDS050 Datasheet HTML 4Page - STMicroelectronics STLVDS050 Datasheet HTML 5Page - STMicroelectronics STLVDS050 Datasheet HTML 6Page - STMicroelectronics STLVDS050 Datasheet HTML 7Page - STMicroelectronics STLVDS050 Datasheet HTML 8Page - STMicroelectronics STLVDS050 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
May 2003
s
MEETS OR EXCEED THE REQUIREMENTS
OF ANSI EIA/TIA-644-1995 STANDARD
s
SIGNALING RATES UP TO 400Mbit/s
s
BUS TERMINAL ESD EXCEEDS 6KV
s
OPERATES FROM A SINGLE 3.3V SUPPLY
s
LOW-VOLTAGE DIFFERENTIAL SIGNALING
WITH TYPICAL OUTPUT VOLTAGE OF
350mV AND A 100
Ω LOAD
s
PROPAGATION DELAY TIMES:
DRIVER: 2ns (TYP)
RECEIVER: 3ns (TYP)
s
POWER DISSIPATION AT 200MHz:
DRIVER: 25mW (TYP)
RECEIVER: 60mW (TYP)
s
LVTTL INPUT LEVELS ARE 5V TOLERANT
s
RECEIVER HAS OPEN-CIRUIT FAIL-SAFE
DESCRIPTION
The STLVDS050 is differential line drivers and
receivers
that
use
low-voltage
differential
signaling (LVDS) to achieve signaling rate as high
as 400Mbps.
The EIA/TIA-644 standard compliant electrical
interface provides a minimum differential output
voltage magnitude of 247 mV into a 100
Ω load
and receipt of 100 mV signals with up to 1 V of
ground potential difference between a transmitter
and receiver.
The intended application of this device an
signaling technique is for point-to-point baseband
data transmission over controlled impedance
media of approximately 100
Ω characteristic
impedance.
The transmission media may be printed-circuit
board traces, backplanes, or cables. (Note: The
ultimate rate and distance of data transfer is
dependent upon the attenuation characteristics of
the media, the noise coupling to the environment,
and other application specific characteristics).
ORDERING CODES
Type
Temperature
Range
Package
Comments
STLVDS050BD
-40 to 85 °C
SO-16 (Tube)
50 parts per tube / 20 tube per box
STLVDS050BDR
-40 to 85 °C
SO-16 (Tape & Reel)
2500 parts per reel
STLVDS050BTR
-40 to 85 °C
TSSOP16 (Tape & Reel)
2500 parts per reel
STLVDS050
HIGH SPEED DIFFERENTIAL LINE
DRIVERS AND RECEIVERS
SOP
TSSOP


Similar Part No. - STLVDS050

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLVDS051 STMICROELECTRONICS-STLVDS051 Datasheet
283Kb / 11P
HIGH SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
Jul-2003
STLVDS051BD STMICROELECTRONICS-STLVDS051BD Datasheet
283Kb / 11P
HIGH SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
Jul-2003
STLVDS051BDR STMICROELECTRONICS-STLVDS051BDR Datasheet
283Kb / 11P
HIGH SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
Jul-2003
STLVDS051BTR STMICROELECTRONICS-STLVDS051BTR Datasheet
283Kb / 11P
HIGH SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
Jul-2003
More results

Similar Description - STLVDS050

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLVDS051 STMICROELECTRONICS-STLVDS051 Datasheet
283Kb / 11P
HIGH SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
Jul-2003
logo
Texas Instruments
SN65LVDM179 TI-SN65LVDM179 Datasheet
268Kb / 20P
HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS1050 TI-SN65LVDS1050 Datasheet
228Kb / 17P
HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS179 TI-SN65LVDS179 Datasheet
531Kb / 24P
HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDM050-Q1 TI-SN65LVDM050-Q1 Datasheet
290Kb / 20P
HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDM179 TI-SN65LVDM179_07 Datasheet
1Mb / 26P
HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS179-EP TI1-SN65LVDS179-EP Datasheet
439Kb / 22P
HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS1050PWG4 TI1-SN65LVDS1050PWG4 Datasheet
862Kb / 22P
HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS180-Q1 TI1-SN65LVDS180-Q1 Datasheet
1Mb / 29P
HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS1 TI1-SN65LVDS1_17 Datasheet
1Mb / 42P
High-Speed Differential Line Drivers and Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com