Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG3384DTR Datasheet(PDF) 9 Page - STMicroelectronics

Part # STG3384DTR
Description  Low voltage 0.9Ω max dual SPST switch with break before make feature
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG3384DTR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STG3384DTR Datasheet HTML 4Page - STMicroelectronics STG3384DTR Datasheet HTML 5Page - STMicroelectronics STG3384DTR Datasheet HTML 6Page - STMicroelectronics STG3384DTR Datasheet HTML 7Page - STMicroelectronics STG3384DTR Datasheet HTML 8Page - STMicroelectronics STG3384DTR Datasheet HTML 9Page - STMicroelectronics STG3384DTR Datasheet HTML 10Page - STMicroelectronics STG3384DTR Datasheet HTML 11Page - STMicroelectronics STG3384DTR Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
STG3384
Electrical characteristics
9/12
4.3
Analog switch characteristics
CL = 5pF, RL = 50Ω, TA = 25°C
Table 7. Analog switch characteristics
Symbol
Parameter
Test conditions
Value
Unit
Vcc
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min
Typ
Max
Min
Max
Min
Max
OIRR
OFF Isolation (1)
1.65-4.3
VS = 1VRMS
f = 100kHz
-90
dB
Xtalk
Crosstalk
1.6-4.3
VS = 1VRMS
f = 100kHz
-76
dB
THD
Total Harmonic
Distortion
3.0
RL = 600Ω
VIN = 2VPP
f = 20Hz to 20
kHz
0.03
%
BW
-3dB bandwidth
1.65-4.3
RL = 50Ω
85
MHz
CIN
Control pin input
capacitance
5
pF
CSn
Sn port
capacitance
3.3
f = 1MHz
20
CD
D port
capacitance when
switch is enabled
3.3
f = 1MHz
70
1.
OFF Isolation = 20Log10 (VD/VS), VD = output, VS = input at off switch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com