Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG3384DTR Datasheet(PDF) 1 Page - STMicroelectronics

Part # STG3384DTR
Description  Low voltage 0.9Ω max dual SPST switch with break before make feature
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG3384DTR Datasheet(HTML) 1 Page - STMicroelectronics

  STG3384DTR Datasheet HTML 1Page - STMicroelectronics STG3384DTR Datasheet HTML 2Page - STMicroelectronics STG3384DTR Datasheet HTML 3Page - STMicroelectronics STG3384DTR Datasheet HTML 4Page - STMicroelectronics STG3384DTR Datasheet HTML 5Page - STMicroelectronics STG3384DTR Datasheet HTML 6Page - STMicroelectronics STG3384DTR Datasheet HTML 7Page - STMicroelectronics STG3384DTR Datasheet HTML 8Page - STMicroelectronics STG3384DTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
August 2006
Rev 1
1/12
12
STG3384
Low voltage 0.9
Ω max dual SPST switch
with break before make feature
Features
■ Low quiescent supply current:
Max ± 50µA for V1IN, V2IN = 1.80V at
VCC = 4.3V
■ Ultra low power dissipation:
ICC = 0.2µA (Max) at TA = 85°C, VIN = 0V
■ Switch: low "ON" resistance:
–RON = 0.7Ω (Max TA = 25°C) at VCC = 4.3V
–RON = 0.7Ω (Max TA = 25°C) at VCC = 3V
■ Wide operating voltage range:
VCC (OPR) = 1.65V to 4.3V single supply
■ 4.3V tolerant and 1.8V compatible threshold on
digital control input at VCC = 1.65 to 4.3V
■ Latch-up performance exceeds 300mA
(JESD 17)
■ ESD performance (analog channel vs GND):
HBM > 2kV (MIL STD 883 method 3015)
Description
The STG3384 is a high-speed CMOS low voltage
dual analog S.P.S.T. (Single Pole Single Throw)
SWITCH fabricated in silicon gate C2MOS
technology. It is designed to operate from 1.65V
to 4.3V, making this device ideal for portable.
The nIN inputs are provided to control the
switches.
The switches Sn are ON (they are connected to
common Ports Dn) when the nIN input is held
high and OFF (high impedance state exists
between the two ports) when nIN is held low.
Additional key features are fast switching speed,
and Ultra Low Power Consumption. All inputs and
outputs are equipped with protection circuits
against static discharge, giving them ESD
immunity and transient excess voltage.
TDFN10
www.st.com
Order codes
Part number
Package
Packaging
STG3384DTR
TDFN10 (2.5mm x 1.3mm)
Tape and reel


Similar Part No. - STG3384DTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STG3155 STMICROELECTRONICS-STG3155 Datasheet
383Kb / 18P
Low voltage 0.5廓 Max single SPDT switch with break-before-make feature
25-May-2007
STG3155DTR STMICROELECTRONICS-STG3155DTR Datasheet
383Kb / 18P
Low voltage 0.5廓 Max single SPDT switch with break-before-make feature
25-May-2007
STG3157 STMICROELECTRONICS-STG3157 Datasheet
245Kb / 10P
LOW VOLTAGE LOW ON RESISTANCE SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
Sep-2002
STG3157 STMICROELECTRONICS-STG3157 Datasheet
359Kb / 18P
Low voltage low on-resistance SPDT switch with break-before-make feature
19-Apr-2010
STG3157CTR STMICROELECTRONICS-STG3157CTR Datasheet
245Kb / 10P
LOW VOLTAGE LOW ON RESISTANCE SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
Sep-2002
More results

Similar Description - STG3384DTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STG3699 STMICROELECTRONICS-STG3699 Datasheet
274Kb / 12P
LOW VOLTAGE 0.5ΩMAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
14-May-2004
STG3680 STMICROELECTRONICS-STG3680 Datasheet
260Kb / 11P
LOW VOLTAGE 0.5/0.8ΩMAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
May 2004 Rev. 3
STG3690 STMICROELECTRONICS-STG3690 Datasheet
171Kb / 11P
LOW VOLTAGE 5ohm MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
Jan-2004
STG3684 STMICROELECTRONICS-STG3684 Datasheet
256Kb / 11P
LOW VOLTAGE 0.5ohm MAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
18-May-2004
STG3699A STMICROELECTRONICS-STG3699A Datasheet
525Kb / 11P
LOW VOLTAGE 0.5ohm MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
23-Mar-2005
STG3699B STMICROELECTRONICS-STG3699B Datasheet
264Kb / 19P
Low Voltage 0.5ohm Max, Quad SPDT Switch with break-before-make feature
17-Feb-2006
STG3856 STMICROELECTRONICS-STG3856 Datasheet
292Kb / 13P
Low Voltage 1.0??Max Dual SP3T Switch With Break Before Make Feature
23-Dec-2005
STG3689 STMICROELECTRONICS-STG3689 Datasheet
200Kb / 16P
Low Voltage 0.9Ω max dual SPDT Switch with break-before-make feature
01-Aug-2006
STG3684 STMICROELECTRONICS-STG3684_05 Datasheet
562Kb / 11P
LOW VOLTAGE 0.5Ω MAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
04-Jul-2005
STG3856QTR STMICROELECTRONICS-STG3856QTR Datasheet
344Kb / 15P
Low voltage 1.0 max dual SP3T switch with break-before-make feature
15-Mar-2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com