Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG3384DTR Datasheet(PDF) 4 Page - STMicroelectronics

Part # STG3384DTR
Description  Low voltage 0.9Ω max dual SPST switch with break before make feature
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG3384DTR Datasheet(HTML) 4 Page - STMicroelectronics

  STG3384DTR Datasheet HTML 1Page - STMicroelectronics STG3384DTR Datasheet HTML 2Page - STMicroelectronics STG3384DTR Datasheet HTML 3Page - STMicroelectronics STG3384DTR Datasheet HTML 4Page - STMicroelectronics STG3384DTR Datasheet HTML 5Page - STMicroelectronics STG3384DTR Datasheet HTML 6Page - STMicroelectronics STG3384DTR Datasheet HTML 7Page - STMicroelectronics STG3384DTR Datasheet HTML 8Page - STMicroelectronics STG3384DTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Pin settings
STG3384
4/12
2
Pin settings
2.1
Pin connection
Figure 2.
Pin connection (top through view)
2.2
Pin description
Table 2. Pin description
Pin N°
Symbol
Name and function
5, 10
1IN, 2IN
Controls
2, 9
S1, S2
Independent channels
3, 8
D1, D2
Common channels
1VCC
Possitive supply voltage
6
GND
Ground (0V)
4, 7
NC
Not connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com