Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG4158 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STG4158
Description  Low voltage 0.6 Ω typ single SPDT switch with break-before-make feature and 15 kV ESD protection
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG4158 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STG4158 Datasheet HTML 6Page - STMicroelectronics STG4158 Datasheet HTML 7Page - STMicroelectronics STG4158 Datasheet HTML 8Page - STMicroelectronics STG4158 Datasheet HTML 9Page - STMicroelectronics STG4158 Datasheet HTML 10Page - STMicroelectronics STG4158 Datasheet HTML 11Page - STMicroelectronics STG4158 Datasheet HTML 12Page - STMicroelectronics STG4158 Datasheet HTML 13Page - STMicroelectronics STG4158 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Application information
STG4158
10/
4
Application information
Power-off and over-voltage protection
The STG4158 has two operation modes:
1.
Normal operation mode
2.
Isolation mode
In the normal operation mode, the switch functions as a normal SPDT, with the SEL pin that
selects the switch to be either ON or OFF. Either S1 or S2 is connected to common channel
D.
In the isolation mode, all the switches are OFF. S1 or S2 are isolated from common channel
D. The S1, S2, D port
s have a 1 MΩ impedence to ground.
The operation modes are made possible by special detection circuitry that detects the
voltage level at D, S1 and S2 supplies. Depending on these voltage levels, the device goes
into isolation mode or normal operation mode accordingly.
The isolation mode is a feature of the device that is useful during fault conditions that occur
in the application environment.
Table 9.
Voltage conditions
VCC
VD,S
(voltage at common
port D, S1 or S2)
Voltage condition
Mode
Floating
0 – 4.5 V
All switches OFF
S1,S2 and D are isolated from each other
Isolation
0–0.5 V
0–4.5 V
All switches OFF
S1, S2, D are isolated from each other
Isolation
VCC >0.5
VD,S >VCC + 0.4
All switches OFF
S1,S2 and D are isolated from each other
Isolation
1.65 –
4.5 V
0– VCC
Either S1 or S2 is connected to D, depending on SEL
input
Normal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com