Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG4158 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STG4158
Description  Low voltage 0.6 Ω typ single SPDT switch with break-before-make feature and 15 kV ESD protection
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG4158 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STG4158 Datasheet HTML 12Page - STMicroelectronics STG4158 Datasheet HTML 13Page - STMicroelectronics STG4158 Datasheet HTML 14Page - STMicroelectronics STG4158 Datasheet HTML 15Page - STMicroelectronics STG4158 Datasheet HTML 16Page - STMicroelectronics STG4158 Datasheet HTML 17Page - STMicroelectronics STG4158 Datasheet HTML 18Page - STMicroelectronics STG4158 Datasheet HTML 19Page - STMicroelectronics STG4158 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
Package mechanical data
STG4158
16/
6
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.
Figure 14.
Flip-Chip6 package outline
1.
The terminal pin 1 on the bumps side is identified by a distinguishing feature (for instance by a circular
"clear area" - typically 0.1mm diameter). The terminal pin 1 on the backside of the product is identified by a
distinguishing feature (for instance by a circular "dot" - typically 0.5 mm diameter).
2.
Drawing not to scale.
Top view
E
12
3
A1 see note 1
A
B
e
f
E1
Bottom view
C
ccc C
b
7504896_J



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com