Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG4158 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STG4158
Description  Low voltage 0.6 Ω typ single SPDT switch with break-before-make feature and 15 kV ESD protection
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG4158 Datasheet(HTML) 1 Page - STMicroelectronics

  STG4158 Datasheet HTML 1Page - STMicroelectronics STG4158 Datasheet HTML 2Page - STMicroelectronics STG4158 Datasheet HTML 3Page - STMicroelectronics STG4158 Datasheet HTML 4Page - STMicroelectronics STG4158 Datasheet HTML 5Page - STMicroelectronics STG4158 Datasheet HTML 6Page - STMicroelectronics STG4158 Datasheet HTML 7Page - STMicroelectronics STG4158 Datasheet HTML 8Page - STMicroelectronics STG4158 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
November 2007
Rev 1
1/21
21
STG4158
Low voltage 0.6
Ω typ single SPDT switch with
break-before-make feature and 15 kV ESD protection
Features
■ Power-off and over-voltage protection
■ Wide operating voltage range:
VCC (opr) = 1.65 to 4.5 V
■ Low ON resistance VIN =0 V:
–RON =0.85 Ω (max) at VCC =4.5 V
■ Latch-up performance exceeds 300 mA
JESD 17
■ ESD performance tested on (D pin)
– 8 kV IEC-61000-4-2 ESD, contact
discharge
– 15 kV IEC-61000-4-2 ESD, air discharge
■ ESD performance test on all other pins
– 3 kV Human-Body-Model
– 200 V machine model (IEC61340-3-2 level
M2)
– 1000 V charge-device model (JESD22
C101)
Description
The STG4158 is a high-speed CMOS low voltage
single analog SPDT (single pole dual throw)
switch or 2:1 multiplexer/ demultiplexer switch
fabricated in silicon gate C2MOS technology.
Designed to operate from 1.65 to 4.5 V, this
device is ideal for portable applications.
It offers low ON resistance (0.6
Ω) at VCC =4.5 V (
typical TA = 25 ºC). The SEL input threshold is
compatible to 1.8 V, and provides control to the
switches.
The switch S1 is ON (connected to common port
D) when the SEL input is held high and OFF (high
impedance state exists between the two ports)
when SEL is held low. The switch S2 is ON
(connected to common port D) when the SEL
input is held low and OFF (high impedance state
exists between the two ports) when SEL is held
high.
The SEL input has an integrated weak pull-down
resistor to prevent SEL signal from floating. For
low power consumption, the SEL input must be
grounded.
Power-off and over-voltage protection
The STG4158 features power-off and over-
voltage protection, enabling the device to be
isolated during voltage fault events.
Flip-Chip6
Table 1.
Device summary
Order code
Package
Packing
STG4158BJR
Flip-Chip6
Tape and reel
www.st.com


Similar Part No. - STG4158

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STG4159 STMICROELECTRONICS-STG4159 Datasheet
589Kb / 18P
Low voltage 0.3Ω max single SPDT switch with break-before-make feature and 10kV contact ESD protection
17-Apr-2007
STG4159BJR STMICROELECTRONICS-STG4159BJR Datasheet
589Kb / 18P
Low voltage 0.3Ω max single SPDT switch with break-before-make feature and 10kV contact ESD protection
17-Apr-2007
More results

Similar Description - STG4158

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STG3157 STMICROELECTRONICS-STG3157 Datasheet
245Kb / 10P
LOW VOLTAGE LOW ON RESISTANCE SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
Sep-2002
STG3699B STMICROELECTRONICS-STG3699B Datasheet
264Kb / 19P
Low Voltage 0.5ohm Max, Quad SPDT Switch with break-before-make feature
17-Feb-2006
STG3155 STMICROELECTRONICS-STG3155 Datasheet
383Kb / 18P
Low voltage 0.5廓 Max single SPDT switch with break-before-make feature
25-May-2007
STG3159 STMICROELECTRONICS-STG3159 Datasheet
386Kb / 18P
Low voltage 1Ω max single SPDT switch with break-before-make feature
06-Dec-2006
STG4159 STMICROELECTRONICS-STG4159 Datasheet
589Kb / 18P
Low voltage 0.3Ω max single SPDT switch with break-before-make feature and 10kV contact ESD protection
17-Apr-2007
STG4259 STMICROELECTRONICS-STG4259 Datasheet
311Kb / 19P
Low voltage 0.3Ω max dual SPDT switch with break-before-make feature and 15KV ESD protection
28-Aug-2007
STG5123 STMICROELECTRONICS-STG5123 Datasheet
493Kb / 18P
Low voltage 1 Ω single SPDT switch with break-before-make feature
30-Oct-2007
STG3157 STMICROELECTRONICS-STG3157_10 Datasheet
359Kb / 18P
Low voltage low on-resistance SPDT switch with break-before-make feature
19-Apr-2010
STG4160 STMICROELECTRONICS-STG4160 Datasheet
711Kb / 19P
Low voltage 0.5 single SPDT switch with break-before-make feature and 15 kV contact ESD protection
15-May-2013
STG4260 STMICROELECTRONICS-STG4260 Datasheet
466Kb / 19P
Low voltage 0.5 Ω dual SPDT switch with break-before-make feature and 15 kV ESD protection
20-Apr-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com