Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG4260 Datasheet (PDF) - STMicroelectronics

STG4260 Datasheet PDF - STMicroelectronics
Part # STG4260
Download  STG4260 Download
File Size   466.76 Kbytes
Page   19 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low voltage 0.5 Ω dual SPDT switch with break-before-make feature and 15 kV ESD protection

STG4260 Datasheet (PDF)

Go To PDF Page Download Datasheet
STG4260 Datasheet PDF - STMicroelectronics

Part # STG4260
Download  STG4260 Click to download

File Size   466.76 Kbytes
Page   19 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low voltage 0.5 Ω dual SPDT switch with break-before-make feature and 15 kV ESD protection

STG4260 Datasheet (HTML) - STMicroelectronics


STG4260 Product details

Description
The STG4260 is a high-speed CMOS low voltage dual analog SPDT (single pole dual throw) switch or 2:1 multiplexer/demultiplexer switch fabricated in silicon gate C2MOS technology. It is designed to operate from 1.65 V to 4.8 V, making this device ideal for portable applications. It offers low ONresistance (0.40 Ω typ.) at VCC = 4.3 V. The SEL inputs are provided to control the switches. The switch S1 is ON (connected to common port D) when the SEL input is held high and OFF (high impedance state exists between the two ports) when SEL is held low; the switch S2 is ON (it is connected to common Port D) when the SEL input is held low and OFF (high impedance state exists between the two ports) when SEL is held high. Additional key features are fast switching speed, break-before-make delay time and ultra low power consumption. All inputs and outputs are equipped with protection circuits against static discharge, giving them ESD immunity and transient excess voltage. Flip-chip 12

Features
■ Wide operating voltage range: VCC (OPR) = 1.65 to 4.8 V
■ Low power dissipation: ICC = 0.2 µA (max.) at TA = 85 °C
■ Low "ON" resistance: – RON = 0.75 Ω (TA = 25 ºC) at VCC = 2.25 V – RON = 0.50 Ω (TA = 25 ºC) at VCC = 3.0 V – RON = 0.40 Ω (TA = 25 ºC) at VCC = 4.3 V
■ Separate supply voltage for switch and control

Applications
■ Mobile phones




Similar Part No. - STG4260

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STG4210 STMICROELECTRONICS-STG4210 Datasheet
409Kb / 21P
Low voltage 1 Ω dual SPST analog switch
26-Aug-2008
STG4210QTR STMICROELECTRONICS-STG4210QTR Datasheet
409Kb / 21P
Low voltage 1 Ω dual SPST analog switch
26-Aug-2008
STG4259 STMICROELECTRONICS-STG4259 Datasheet
311Kb / 19P
Low voltage 0.3Ω max dual SPDT switch with break-before-make feature and 15KV ESD protection
28-Aug-2007
STG4259BJR STMICROELECTRONICS-STG4259BJR Datasheet
311Kb / 19P
Low voltage 0.3Ω max dual SPDT switch with break-before-make feature and 15KV ESD protection
28-Aug-2007
More results


Similar Description - STG4260

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STG3699 STMICROELECTRONICS-STG3699 Datasheet
274Kb / 12P
LOW VOLTAGE 0.5ΩMAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
14-May-2004
STG3680 STMICROELECTRONICS-STG3680 Datasheet
260Kb / 11P
LOW VOLTAGE 0.5/0.8ΩMAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
May 2004 Rev. 3
STG3699 STMICROELECTRONICS-STG3699_05 Datasheet
371Kb / 12P
LOW VOLTAGE 0.5廓 MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
04-Jul-2005
STG3680 STMICROELECTRONICS-STG3680_05 Datasheet
531Kb / 11P
LOW VOLTAGE 0.5/0.8Ω MAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
04-Jul-2005
STG3699B STMICROELECTRONICS-STG3699B_07 Datasheet
259Kb / 18P
Low voltage 0.5 廓 max, quad SPDT switch with break-before-make feature
04-Sep-2007
STG5223 STMICROELECTRONICS-STG5223 Datasheet
328Kb / 19P
Low voltage 0.5 Ω dual SPDT switch with break-before-make
10-Jan-2008
STG4158 STMICROELECTRONICS-STG4158 Datasheet
435Kb / 21P
Low voltage 0.6 Ω typ single SPDT switch with break-before-make feature and 15 kV ESD protection
12-Nov-2007
STG4259 STMICROELECTRONICS-STG4259 Datasheet
311Kb / 19P
Low voltage 0.3Ω max dual SPDT switch with break-before-make feature and 15KV ESD protection
28-Aug-2007
STG3684 STMICROELECTRONICS-STG3684_05 Datasheet
562Kb / 11P
LOW VOLTAGE 0.5Ω MAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
04-Jul-2005
STG4160 STMICROELECTRONICS-STG4160 Datasheet
711Kb / 19P
Low voltage 0.5 single SPDT switch with break-before-make feature and 15 kV contact ESD protection
15-May-2013
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com